Electronic Components Datasheet Search
  English  ▼

X  

V53C16258HT35 Datasheet(PDF) 17 Page - Mosel Vitelic, Corp

Part # V53C16258HT35
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT35 Datasheet(HTML) 17 Page - Mosel Vitelic, Corp

Back Button V53C16258HT35 Datasheet HTML 12Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 13Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 14Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 15Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 16Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 17Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 18Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 19Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 20Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MOSEL VITELIC
V53C16258H
17
V53C16258H Rev. 3.8 November 1999
The Self Refresh mode is terminated by returning
the RAS clock to a high level for a specified (tRPS)
minimum time. After termination of the Self Refresh
cycle normal accesses to the device may be initiat-
ed immediately, providing that subsequent refresh
cycles utilize the CAS before RAS (CBR) mode of
operation.
Data Output Operation
The V53C16258H Input/Output is controlled by
OE, CAS, WE and RAS. A RAS low transition
enables the transfer of data to and from the selected
row address in the Memory Array. A RAS high
transition disables data transfer and latches the
output data if the output is enabled. After a memory
cycle is initiated with a RAS low transition, a CAS
low transition or CAS low level enables the internal
I/O path. A CAS high transition or a CAS high level
disables the I/O path and the output driver if it is
enabled. A CAS low transition while RAS is high has
no effect on the I/O data path or on the output
drivers.
The
output
drivers,
when
otherwise
enabled, can be disabled by holding OE high. The
OE signal has no effect on any data stored in the
output latches. A WE low level can also disable the
output drivers when CAS is low. During a Write
cycle, if WE goes low at a time in relationship to
CAS that would normally cause the outputs to be
active, it is necessary to use OE to disable the
output drivers prior to the WE low transition to allow
Data In Setup Time (tDS) to be satisfied.
Power-On
After application of the VCC supply, an initial
pause of 200
µs is required followed by a minimum
of 8 initialization cycles (any combination of cycles
containing a RAS clock). Eight initialization cycles
are required after extended periods of bias without
clocks (greater than the Refresh Interval).
During Power-On, the VCC current requirement of
the V53C16258H is dependent on the input levels of
RAS and CAS. If RAS is low during Power-On, the
device will go into an active cycle and ICC will exhibit
current transients. It is recommended that RAS and
CAS track with VCC or be held at a valid VIH during
Power-On to avoid current surges.
Table 1. V53C16258H Data Output
Operation for Various Cycle Types
Cycle Type
I/O State
Read Cycles
Data from Addressed
Memory Cell
CAS-Controlled Write
Cycle (Early Write)
High-Z
WE-Controlled Write
Cycle (Late Write)
OE Controlled. High
OE = High-Z I/Os
Read-Modify-Write
Cycles
Data from Addressed
Memory Cell
EDO Read Cycle
Data from Addressed
Memory Cell
EDO Write Cycle
(Early Write)
High-Z
EDO Read-Modify-
Write Cycle
Data from Addressed
Memory Cell
RAS-only Refresh
High-Z
CAS-before-RAS
Refresh Cycle
Data remains as in
previous cycle
CAS-only Cycles
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com