Electronic Components Datasheet Search
  English  ▼

X  

V53C16258HT35 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V53C16258HT35
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT35 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V53C16258HT35 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
V53C16258H Rev. 3.8 November 1999
MOSEL VITELIC
V53C16258H
29
tWP
Write Pulse Width
4
5
5
5
6
7
ns
30
tWCR
Write Command Hold Time from
RAS
19
23
25
30
35
40
ns
31
tRWL
Write Command to RAS Lead
Time
7
9
10
10
13
14
ns
32
tDS
Data in Setup Time
0
0
0
0
0
0
ns
14
33
tDH
Data in Hold Time
4
5
5
5
6
7
ns
14
34
tWOH
Write to OE Hold Time
5
5
5
6
7
8
ns
14
35
tOED
OE to Data Delay Time
5
5
5
6
7
8
ns
14
36
tRWC
Read-Modify-Write Cycle Time
67
79
90
95
115
130
ns
37
tRRW
Read-Modify-Write Cycle RAS
Pulse Width
46
53
59
64
80
87
ns
38
tCWD
CAS to WE Delay
19
21
23
25
32
34
ns
12
39
tRWD
RAS to WE Delay in Read-
Modify-Write Cycle
36
41
46
51
62
68
ns
12
40
tCRW
CAS Pulse Width (RMW)
27
31
34
38
50
52
ns
41
tAWD
Col. Address to WE Delay
24
27
29
31
41
42
ns
12
42
tPC
EDO Fast Page Mode Read or
Write Cycle Time
10
12
14
15
17
19
ns
43
tCP
CAS Precharge Time
3
3
4
5
6
7
ns
44
tCAR
Column Address to RAS Setup
Time
13
16
18
20
22
24
ns
45
tCAP
Access Time from Column
Precharge
15
18
20
22
25
27
ns
7
46
tDHR
Data in Hold Time Referenced
to RAS
19
23
25
30
35
40
ns
47
tCSR
CAS Setup Time CAS-before-
RAS Refresh
5
7
8
10
10
10
ns
48
tRPC
RAS to CAS Precharge Time
0
0
0
0
0
0
ns
49
tCHR
CAS Hold Time CAS-before-
RAS Refresh
6
7
8
8
10
10
ns
50
tPCM
EDO Page Mode
Read-Modify-Write Cycle Time
35
40
43
47
65
70
ns
51
tCOH
Output Hold After CAS Low
4
5
5
5
5
5
ns
52
tOES
OE Low to CAS High Setup
Time
3
3
3
3
5
5
ns
53
tOEH
OE Hold Time from WE during
Read-Modify Write Cycle
5
5
5
5
10
10
ns
#
Symbol
Parameter
25
(100 MHz)
30
35
40
45
50
Unit Notes
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
AC Characteristics (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com