Electronic Components Datasheet Search
  English  ▼

X  

MIC2589 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2589
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2589 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2589 Datasheet HTML 5Page - Micrel Semiconductor MIC2589 Datasheet HTML 6Page - Micrel Semiconductor MIC2589 Datasheet HTML 7Page - Micrel Semiconductor MIC2589 Datasheet HTML 8Page - Micrel Semiconductor MIC2589 Datasheet HTML 9Page - Micrel Semiconductor MIC2589 Datasheet HTML 10Page - Micrel Semiconductor MIC2589 Datasheet HTML 11Page - Micrel Semiconductor MIC2589 Datasheet HTML 12Page - Micrel Semiconductor MIC2589 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Micrel
MIC2589/MIC2595
December 2005
9
M9999-120505
(408) 955-1690
Timing Diagrams
ILIMIT
ILOAD
INLDTH
0A
VDRAIN
V
UV (MIC2589)
V
OFF , VON (MIC2595)
VUVL
(VUV VEE)
VUVH
(VUV VEE)
t < tFLT
t
≥ tFLT
tNLD
(at VEE)
(at VEE)
(at VEE)
(at VEE)
OVERCURRENT
EVENT
Output OFF
(at VDD)
Load current is regulated
at ILIMIT = 50mV/R SENSE
Reduction in V DRAIN to support
ILIMIT = 50mV/R SENSE
Figure 1. Overcurrent and Undercurrent (No Load) Response
Figure 2. SENSE to GATE Timing Response
Figure 3. MIC2589/MIC2595 Overvoltage Response
Figure 4. MIC2589/MIC2589R Undervoltage Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com