Electronic Components Datasheet Search
  English  ▼

X  

MIC2589 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2589
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2589 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2589 Datasheet HTML 1Page - Micrel Semiconductor MIC2589 Datasheet HTML 2Page - Micrel Semiconductor MIC2589 Datasheet HTML 3Page - Micrel Semiconductor MIC2589 Datasheet HTML 4Page - Micrel Semiconductor MIC2589 Datasheet HTML 5Page - Micrel Semiconductor MIC2589 Datasheet HTML 6Page - Micrel Semiconductor MIC2589 Datasheet HTML 7Page - Micrel Semiconductor MIC2589 Datasheet HTML 8Page - Micrel Semiconductor MIC2589 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Micrel
MIC2589/MIC2595
December 2005
2
M9999-120505
(408) 955-1690
Typical Applications
114
13
5
4
3
2
Nominal Undervoltage and Overvoltage Thresholds:
V
UV=36.5V
V
OV=71.2V
Overcurrent TImer Delay
t
FLT=30ms
*Optional components (See Funtional Description and Applications Information for more details)
#An external pull-up resistor for the power-good signal is necessary for DC-DC convertors (and all other load modules) not equipped with an
internal pull-up impedance
/PWRGD1
CFILTER
CNLD
VEE
/PWRGD3
PGTIMER
GATE
/PWRGD2
SENSE
VDD
OUT+
OUT–
IN+
+5V RTN
+5VOUT
+2.5V RTN
+2.5VOUT
+1.8V RTN
+1.8VOUT
-48V RTN
IN–
ON/OFF*
CTIMER
0.068µF
R2
11.8k
1%
R3
12.4k
1%
CFILTER
2.2µF
CNLD
0.068µF
*C2
0.1µF
RSENSE
0.01
5%
M1
SUM110N10-09
R4
10
C1
0.47µF
*D1
SMAT70A
-48V RTN
(Long Pin)
-48V RTN
(Long Pin)
-48V RTN
(Short Pin)
UV
MIC2589-2BM
DRAIN
OV
8
7
6
12
10
11
9
N/C
R1
689k
1%
C3
0.1µF
C4
100µF
C5
0.1µF
OUT+
OUT–
IN+
IN–
ON/OFF*
C6
100µF
C7
0.1µF
OUT+
OUT–
IN+
IN–
ON/OFF*
C8
100µF
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com