Electronic Components Datasheet Search
  English  ▼

X  

MIC2589 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2589
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2589 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2589 Datasheet HTML 17Page - Micrel Semiconductor MIC2589 Datasheet HTML 18Page - Micrel Semiconductor MIC2589 Datasheet HTML 19Page - Micrel Semiconductor MIC2589 Datasheet HTML 20Page - Micrel Semiconductor MIC2589 Datasheet HTML 21Page - Micrel Semiconductor MIC2589 Datasheet HTML 22Page - Micrel Semiconductor MIC2589 Datasheet HTML 23Page - Micrel Semiconductor MIC2589 Datasheet HTML 24Page - Micrel Semiconductor MIC2589 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Micrel
MIC2589/MIC2595
December 2005
21
M9999-120505
(408) 955-1690
114
13
5
4
3
2
/PWRGD1
CFILTER
CNLD
VEE
/PWRGD3
PGTIMER
GATE
/PWRGD2
SENSE
VDD
-48VOUT
-48V RTN
CTIMER
R2
11.8k
1%
CFILTER
2.2µF
CNLD
0.068µF
*C2
0.1µF
RSENSE
0.01
5%
R4
10
M1
SUM110N10-09
C1
0.47µF
*D1
SMAT70A
-48V RTN
(Long Pin)
-48V RTN
(Long Pin)
-48V RTN
(Short Pin)
System
Reset
UV
MIC2589-2BM
DRAIN
OV
8
7
6
12
10
11
9
N/C
R1
689k
1%
*C3
0.1µF
*M2
*D2
ZMM5266B
C4
0.1µF
C5
100µF
R5
47k
R3
12.4k
1%
*Optional components (See Functional Description and Applications Information for more details)
M2 is an SOT-323, B8S138W or equivalent
D2 is a 68V, 500mW Zener diode
Figure 7. Optional Components for Added Performance/Protection
The circuit in Figure 7 consisting of M2, R5, and a
digital control signal, can be used to reset the
controller after the GATE (and output) turns off. Once
the output has been latched off, applying a low-high-
low pulse on the GATE of M2 via the System Enable
control can toggle the UV pin. System Enable is a
user-defined signal referenced to VEE.
Sense Resistor Selection
The sense resistor is nominally valued at:
om)
HOT_SWAP(n
TRIP(typ)
SENSE(nom)
I
V
R
=
where VTRIP(TYP) is the typical (or nominal) circuit
breaker threshold voltage (50mV) and IHOT_SWAP(NOM) is
the nominal load current level necessary to trip the
internal circuit breaker.
To accommodate worse-case tolerances in the sense
resistor (for a ±1% initial tolerance, allow ±3%
tolerance for variations over time and temperature)
and circuit breaker threshold voltages, a slightly more
detailed calculation must be used to determine the
minimum and maximum hot swap load currents.
As the MIC2589’s minimum current limit threshold
voltage is 40mV, the minimum hot swap load current
is determined where the sense resistor is 3% high:
()
SENSE(nom)
SENSE(nom)
in)
HOT_SWAP(m
R
38.8mV
R
1.03
40mV
I
=
×
=
Keep in mind that the minimum hot swap load current
should be greater than the application circuit’s upper
steady-state load current boundary. Once the lower
value of RSENSE has been calculated, it is good
practice to check the maximum hot swap load current
(IHOT_SWAP(MAX)) that the circuit may let pass in the case
of tolerance build-up in the opposite direction. Here,
the worse case maximum is found using a VTRIP(MAX)
threshold of 60mV and a sense resistor 3% low in
value:
()
SENSE(nom)
SENSE(nom)
ax)
HOT_SWAP(m
R
61.9mV
R
0.97
60mV
I
=
×
=
In this case, the application circuit must be sturdy
enough to operate up to approximately 1.5x the
steady-state hot swap load current. For example, if an
MIC2589 circuit must pass a minimum hot swap load
current of 4A without nuisance trips, RSENSE should be
set to:
10mΩ
4A
40mV
RSENSE(nom)
=
=
where the nearest 1% standard value is 10.0mΩ. At
the other tolerance extremes, IHOT_SWAP(MAX) for the
circuit in question is then simply:
6.19A
10mΩ
61.9mV
I
ax)
HOT_SWAP(m
=
=
With a knowledge of the application circuit’s maximum
hot swap load current, the power dissipation rating of
the sense resistor can be determined using P = I
2 × R.
Here, the current is IHOT_SWAP(max) = 6.19A and the
resistance
RSENSE(max) = (1.03)(RSENSE(nom)) = 10.3mΩ.
Thus, the sense resistor’s maximum power dissipation
is:
PMAX = (6.19A)
2 × (10.3mΩ) = 0.395W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com