Electronic Components Datasheet Search
  English  ▼

X  

MIC2774 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2774
Description  Dual Micro-Power Low Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2774 Datasheet HTML 1Page - Micrel Semiconductor MIC2774 Datasheet HTML 2Page - Micrel Semiconductor MIC2774 Datasheet HTML 3Page - Micrel Semiconductor MIC2774 Datasheet HTML 4Page - Micrel Semiconductor MIC2774 Datasheet HTML 5Page - Micrel Semiconductor MIC2774 Datasheet HTML 6Page - Micrel Semiconductor MIC2774 Datasheet HTML 7Page - Micrel Semiconductor MIC2774 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2005
1
M9999-102605
MIC2774
MIC2774
Dual Micro-Power Low Voltage Supervisor
General Description
The MIC2774 is a dual power supply supervisor that pro-
vides under-voltage monitoring, manual reset capability, and
power-on reset generation in a compact 5-pin SOT package.
Features include two under-voltage detectors, one fixed and
one adjustable, and a choice of reset outputs. One under-
voltage detector compares VDDagainstafixedthreshold.Ten
factory-programmed thresholds are available. The second,
user-adjustableinputiscomparedagainsta300mVreference.
This low reference voltage allows monitoring voltages lower
than those supported by previous supervisor ICs.
The reset outputs are asserted at power-on and any time
either voltage drops below the programmed threshold volt-
ages and remains asserted for 140ms (min.) after they
subsequently rise back above the threshold boundaries.
Manual reset functionality can be provided by a switch con-
nected between ground and the /MR input. A wide choice of
voltage thresholds provides for a variety of supply voltages
and tolerances. Hysteresis is included to prevent chattering
due to noise. Typical supply current is a low 3.5µA.
Typical Application
IN
/RST
/RST
VDD
VDD
/MR
/MR
GND
GND
MIC2774L-23
R1
R2
/RESET
/RESET
VCORE
GND
Power_G
er_
er_ ood
VCORE 1.0V
Manual
Reset
ese
ese
MICROPROCESSOR
OCESSO
OCESSO
VI/O
VI/O 2.5V
Features
• Monitors two independent power supplies for under-volt-
age conditions
• One fixed and one user adjustable input
• Choice of factory-programmed thresholds
• Adjustable input can monitor supplies as low as 0.3V
• Generates 140ms (minimum) power-on reset pulse
• Manual reset input
• Choice of active-high, active-low, or open-drain active-
low reset outputs
• Inputs may be pulled above VDD (7V abs. max.)
• Open-drain output can be pulled above VDD (7V abs
max.)
• /RST output valid down to 1.2V
• Ultra-low supply current, 3.5µA typical
• Rejects brief input transients
• IttyBitty™ 5-lead SOT-23 package
• Pin compatible upgrade for MAX6306/09/12
Applications
• Monitoring processor ASIC, or FAGA core and I/O volt-
ages
• PDAs, hand-held PCs
• Embedded controllers
• Telecommunications systems
• Power supplies
• Wireless / Cellular systems
• Networking hardware
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
IttyBitty™ is a trademark of Micrel, Inc.
Ordering Information
Part Number
Reset Output
Temperature
Range
Package
Standard
Marking Pb-Free
Marking
MIC2774N-XXBM5 UGXX(1) MIC2774N-XXYM5
UGXX(1)
Open-Drain. Active-Low (/RST)
-40°C to +85°C SOT-23-5
MIC2774H-XXBM5 UHXX(1) MIC2774H-XXYM5
UHXX(1) Active-High. Complementary (RST) -40°C to +85°C SOT-23-5
MIC2774L-XXBM5 UIXX(1)
MIC2774L-XXYM5
UIXX(1)
Active-Low. Complementary (/RST) -40°C to +85°C SOT-23-5
Notes:
1.
XX = Voltage options, see table on page 2. Underscore indicates a Pb-Free part.


Similar Part No. - MIC2774

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2774 MICREL-MIC2774 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
logo
Micrel Semiconductor
MIC2774H-17YM5 MICREL-MIC2774H-17YM5 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
logo
Microchip Technology
MIC2774H-17YM5-TR MICROCHIP-MIC2774H-17YM5-TR Datasheet
1Mb / 18P
Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results

Similar Description - MIC2774

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
Micro-Power Voltage Supervisor Advance Information
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
Micro-Power Low Voltage Supervisor
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775_06 Datasheet
164Kb / 7P
Micro-Power Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
Micro-Power Low Voltage Supervisor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2775 MICREL-MIC2775_09 Datasheet
356Kb / 7P
Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_15 Datasheet
323Kb / 9P
Micro-Power Voltage Supervisor
MIC2774 MICREL-MIC2774_15 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com