Electronic Components Datasheet Search
  English  ▼

X  

MIC2774 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2774
Description  Dual Micro-Power Low Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2774 Datasheet HTML 1Page - Micrel Semiconductor MIC2774 Datasheet HTML 2Page - Micrel Semiconductor MIC2774 Datasheet HTML 3Page - Micrel Semiconductor MIC2774 Datasheet HTML 4Page - Micrel Semiconductor MIC2774 Datasheet HTML 5Page - Micrel Semiconductor MIC2774 Datasheet HTML 6Page - Micrel Semiconductor MIC2774 Datasheet HTML 7Page - Micrel Semiconductor MIC2774 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC2774
Micrel
M9999-102605
2
October 2005
Pin Configuration
RST
VDD
IN
/MR
1
3
4
5
2
GND
SOT-23-5 (M5)
“H” Version
/RST
VDD
IN
/MR
1
3
4
5
2
GND
SOT-23-5 (M5)
“L” and “N” Version
Standard Voltage Options*
Voltage
Typical
Nominal Threshold
Code
Application (VDD)
Voltage (VTH)
46
5.0V ±5%
4.68
44
5.0V ±10%
4.43
31
3.3V ±5%
3.09
29
3.3V ±10%
2.93
28
3.0V ±5%
2.81
26
2.85V ±5%
2.67
25
2.70V ±5%
2.53
23
2.5V ±5%
2.34
22
2.4V ±5%
2.25
17
1.8V ±5%
1.69
*There are ten standard versions available with an order increment of 3000 pieces. Samples of standard versions are
normally available from stock. Contact factory for information on non-standard versions. Available in tape-and-reel only.
Voltage
Typical
Nominal Threshold
Code
Application (V
46
5.0V ±5%
4.68
44
5.0V ±10%
4.43
31
3.3V ±5%
3.09
29
3.3V ±10%
2.93
28
3.0V ±5%
2.81
26
2.85V ±5%
2.67
25
2.70V ±5%
2.53
23
2.5V ±5%
2.34
22
2.4V ±5%
2.25
17
1.8V ±5%
1.69
Voltage
Typical
Nominal Threshold
)
Voltage (V
46
5.0V ±5%
4.68
44
5.0V ±10%
4.43
31
3.3V ±5%
3.09
29
3.3V ±10%
2.93
28
3.0V ±5%
2.81
26
2.85V ±5%
2.67
25
2.70V ±5%
2.53
23
2.5V ±5%
2.34
22
2.4V ±5%
2.25
17
1.8V ±5%
1.69
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC2774H
MIC2774L
MIC2774N
1
RST
Digital (Output): Asserted high whenever VIN or VDD falls below the threshold
voltage. It will remain asserted for no less than 140ms after VIN and VDD
return above the threshold limits.
1
/RST
Digital (Output): Asserted low whenever VIN or VDD falls below the threshold
voltage. It will remain asserted for no less than 140ms after VIN and VDD
return above the threshold limits. (open-drain for “N” version)
2
2
GND
Ground
3
3
/MR
Digital (Input): Driving this pin low initiates immediate and unconditional re-
set. Assuming VIN and VDD are above the thresholds when /MR is released
(returns high), the reset output will be de-asserted no less than 140ms later.
/MR may be driven by a logic signal or a mechanical switch. /MR has an
internal pull-up to VDD and may be left open if unused.
4
4
IN
Analog (Input): The voltage on this pin is compared to the internal 300mV
reference. An under-voltage condition will trigger a reset sequence.
5
5
VDD
Analog (Input): Power supply input for internal circuitry and input to the fixed
voltage monitor. The voltage on this pin is compared against the internal
reference. An undervoltage condition will trigger a reset sequence.
Pin Number
Pin Number
Pin Name
Pin Function
MIC2774H
MIC2774L
MIC2774N
1
/RST
3
3
/MR
Digital (Input): Driving this pin low initiates immediate and unconditional re-
4
4
IN
Analog (Input): The voltage on this pin is compared to the internal 300mV
reference. An under-voltage condition will trigger a reset sequence.
5
5
VDD
Analog (Input): Power supply input for internal circuitry and input to the fixed
voltage monitor. The voltage on this pin is compared against the internal
reference. An undervoltage condition will trigger a reset sequence.
Pin Number
Pin Number
Pin Name
Pin Function
MIC2774H
MIC2774L
MIC2774N
1
RST
1
/RST
2
2
GND
Ground
3
3
/MR
Digital (Input): Driving this pin low initiates immediate and unconditional re-
4
4
IN
Analog (Input): The voltage on this pin is compared to the internal 300mV
reference. An under-voltage condition will trigger a reset sequence.
5
5
VDD
Analog (Input): Power supply input for internal circuitry and input to the fixed
voltage monitor. The voltage on this pin is compared against the internal
reference. An undervoltage condition will trigger a reset sequence.
Pin Number
Pin Number
Pin Name
Pin Function
1
RST
1
/RST
2
2
GND
Ground
3
3
/MR
Digital (Input): Driving this pin low initiates immediate and unconditional re-
4
4
IN
Analog (Input): The voltage on this pin is compared to the internal 300mV
reference. An under-voltage condition will trigger a reset sequence.
5
5
VDD
Analog (Input): Power supply input for internal circuitry and input to the fixed
voltage monitor. The voltage on this pin is compared against the internal
reference. An undervoltage condition will trigger a reset sequence.
Pin Number
Pin Number
Pin Name
Pin Function
2
2
GND
Ground
3
3
/MR
Digital (Input): Driving this pin low initiates immediate and unconditional re-
4
4
IN
Analog (Input): The voltage on this pin is compared to the internal 300mV
reference. An under-voltage condition will trigger a reset sequence.
5
5
VDD
Analog (Input): Power supply input for internal circuitry and input to the fixed
voltage monitor. The voltage on this pin is compared against the internal
reference. An undervoltage condition will trigger a reset sequence.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com