Electronic Components Datasheet Search
  English  ▼

X  

MIC2774 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2774
Description  Dual Micro-Power Low Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2774 Datasheet HTML 1Page - Micrel Semiconductor MIC2774 Datasheet HTML 2Page - Micrel Semiconductor MIC2774 Datasheet HTML 3Page - Micrel Semiconductor MIC2774 Datasheet HTML 4Page - Micrel Semiconductor MIC2774 Datasheet HTML 5Page - Micrel Semiconductor MIC2774 Datasheet HTML 6Page - Micrel Semiconductor MIC2774 Datasheet HTML 7Page - Micrel Semiconductor MIC2774 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
October 2005
3
M9999-102605
MIC2774
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (VDD).......................................–0.3V to +7V
Input Voltages (VIN, V/MR) ...............................–0.3V to +7V
Output Voltages (V/RST, VRST).........................–0.3V to +7V
RST, (/RST) Current ................................................... 20mA
Storage Temperature (TS) ........................ –65°C to +150°C
ESD Rating,
Note 3.................................................... 1.5kV
Operating Ratings (Note 2)
Supply Voltage (VDD) .................................. +1.5V to +5.5V
Input Voltages (VIN, V/MR) ............................–0.3V to +6.0V
Output Voltages
V/RST (N version), ....................................–0.3V to +6.0V
V/RST, VRST (H and L versions)..........–0.3V to VDD+0.3V
Ambient Temperature Range (TA
Ambient Temperature Range (T
Ambient Temperature Range (T ) .............. –40°C to +85°C
Package Thermal Resistance (θJA).......................256°C/W
Electrical Characteristics
Note 5; TA
; T
; T = +25°C,
A
A
bold values indicate –40°C ≤ TA
values indicate –40°C ≤ T
values indicate –40°C ≤ T ≤ +85°C; unless noted
A
A
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Supply Current
VDD = VIN = VTH +1.6%,
3.5
µA
Note 5; /MR, RST, /RST open
VDD VOLTAGE THRESHOLD
Under-Voltage Threshold On VDD
VTH–1.5% VTH VTH+1.5%
V
(See Standard Voltage Options Table)
VHYST
Hysteresis Voltage
1
%
IN, UNDER-VOLTAGE DETECTOR INPUT
VREF
Under-Voltage Threshold
Note 5
295
300
305
mV
VHYST
Hysteresis Voltage
3
mV
IIN
Input Current
5
pA
TMIN ≤ TA
≤ T
≤ T ≤ TMAX
10
nA
RST, /RST OUTPUTS
tPROP
Propagation Delay
VIN = (VREF(MAX) + 100mV) to
20
µs
VIN = (VREF(MIN) – 100mV), /MR = open;
tRST
Reset Pulse Width
TMIN ≤ TA
≤ T
≤ T ≤ TMAX
140
280
ms
VOL
RST or /RST Output Voltage Low
ISINK = 1.6mA;
0.3
V
VDD ≥ 1.6V
ISINK = 100µA;
0.3
V
VDD ≥ 1.2V; Note 4
VOH
RST or /RST Output Voltage High
ISOURCE = 500µA;
0.8VDD
V
VDD ≥ 1.5V
(H and L Version Only)
ISOURCE = 10µA;
0.8VDD
V
VDD ≥ 1.2V; Note 4
/MR INPUTS
VIH
Input High Voltage
Note 5
0.7VDD
V
VIL
Input Low Voltage
Note 5
0.3VDD
V
tPROP
Propagation Delay
V/MR < (VIL –100mV); Note 5
5
µs
tMIN
Minimum Input Pulse Width
Reset Occurs, V/MR < VIL
33
ns
IL
IL
IPU
Internal Pull-up Current
VIM = 0V
100
250
nA
IIN
Input Current, /MR
V/MR < VIL
100
250
nA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. VDD operating range is 1.5V to 5.5V. Output is guaranteed to be asserted down to VDD = 1.2V.
Note 5. VDD equals nominal “Typical Application (VDD)” as shown in “Standard Voltage Options Table.”
Under-Voltage Threshold On V
Hysteresis Voltage
1
%
Hysteresis Voltage
1
%
V
Hysteresis Voltage
1
%
–1.5% V
Hysteresis Voltage
1
%
Hysteresis Voltage
1
%
V
Hysteresis Voltage
1
%
Under-Voltage Threshold
Hysteresis Voltage
3
mV
Input Current
5
pA
T
Hysteresis Voltage
3
mV
Input Current
5
pA
T
Hysteresis Voltage
3
mV
Input Current
5
pA
MAX
300
Hysteresis Voltage
3
mV
Input Current
5
pA
MAX
Hysteresis Voltage
3
mV
Input Current
5
pA
Hysteresis Voltage
3
mV
Input Current
5
pA
Symbol
Parameter
Condition
Min
Typ
Max
Units
Supply Current
V
Note 5
Symbol
Parameter
Condition
Min
Typ
Max
Units
Supply Current
V
Note 5
Symbol
Parameter
Condition
Min
Typ
Max
Units
+1.6%,
3.5
Symbol
Parameter
Condition
Min
Typ
Max
Units
+1.6%,
3.5
Symbol
Parameter
Condition
Min
Typ
Max
Units
Symbol
Parameter
Condition
Min
Typ
Max
Units
Propagation Delay
V
V
Reset Pulse Width
T
RST or /RST Output Voltage Low
I
V
I
V
RST or /RST Output Voltage High
I
V
(H and L Version Only)
I
V
Propagation Delay
V
V
Reset Pulse Width
T
RST or /RST Output Voltage Low
I
V
I
V
RST or /RST Output Voltage High
I
V
(H and L Version Only)
I
V
+ 100mV) to
20
µs
= 1.6mA;
≥ 1.6V
= 100µA;
+ 100mV) to
20
µs
140
280
= 1.6mA;
≥ 1.6V
= 100µA;
+ 100mV) to
20
µs
140
280
+ 100mV) to
20
µs
Input High Voltage
Input Low Voltage
Propagation Delay
V
Minimum Input Pulse Width
Reset Occurs, V
Internal Pull-up Current
V
Input Current, /MR
V
Propagation Delay
V
Minimum Input Pulse Width
Reset Occurs, V
Internal Pull-up Current
V
Input Current, /MR
V
5
33
ns
= 0V
100
100
5
33
ns
= 0V
100
100
33
ns
33
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com