Electronic Components Datasheet Search
  English  ▼

X  

MIC4682 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4682
Description  Precision Current Limit SOIC-8 SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4682 Datasheet HTML 2Page - Micrel Semiconductor MIC4682 Datasheet HTML 3Page - Micrel Semiconductor MIC4682 Datasheet HTML 4Page - Micrel Semiconductor MIC4682 Datasheet HTML 5Page - Micrel Semiconductor MIC4682 Datasheet HTML 6Page - Micrel Semiconductor MIC4682 Datasheet HTML 7Page - Micrel Semiconductor MIC4682 Datasheet HTML 8Page - Micrel Semiconductor MIC4682 Datasheet HTML 9Page - Micrel Semiconductor MIC4682 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
MIC4682
June 2007
6
M9999-061507
Typical Characteristics (continued)
210
215
220
225
230
235
240
245
250
-40 -20 0 20 40 60 80 100120
TEMPERATURE (
°C)
Frequency
vs. Temperature
V
FB = 0V
V
IN = 24V
V
IN = 12V
5.002
5.004
5.006
5.008
5.01
5.012
5.014
5.016
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
OUTPUT CURRENT (A)
Load Regulation
0
2
4
6
8
10
12
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
V
FB = 1.5V
V
EN = 0V
0
2
4
6
8
10
12
-40 -20 0 20 40 60 80 100120
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
FB = 1.5V
V
EN = 0V
V
= 12V
V
= 24V
0
20
40
60
80
100
120
140
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
V
FB = 1.5V
V
EN =VIN
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
4
8
12
16
20 24
28
32
INPUT VOLTAGE (V)
Short Circuit Current Limit
vs. Input Voltageat T
J
= 85
°C
L = 68
µH
R3 = 10M
V
OUT~0V (Pulsed Load)
R
ISET=20k
R
ISET=25k
R
ISET=30k
R
ISET=40k
R
ISET=50k
R
ISET=10k
R
ISET=15.8k
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
4
8
12
16
20 24
28
32
INPUT VOLTAGE (V)
Short Circuit Current Limit
vs. Input Voltageat T
J
= 125
°C
L = 68
µH
R3 = 10M
V
OUT~0V (Pulsed Load)
R
ISET=20k
R
ISET=25k
R
ISET=30k
R
ISET=40k
R
ISET=50k
R
ISET=10k
15.8k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com