Electronic Components Datasheet Search
  English  ▼

X  

MIC4682 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC4682
Description  Precision Current Limit SOIC-8 SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC4682 Datasheet HTML 7Page - Micrel Semiconductor MIC4682 Datasheet HTML 8Page - Micrel Semiconductor MIC4682 Datasheet HTML 9Page - Micrel Semiconductor MIC4682 Datasheet HTML 10Page - Micrel Semiconductor MIC4682 Datasheet HTML 11Page - Micrel Semiconductor MIC4682 Datasheet HTML 12Page - Micrel Semiconductor MIC4682 Datasheet HTML 13Page - Micrel Semiconductor MIC4682 Datasheet HTML 14Page - Micrel Semiconductor MIC4682 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Micrel, Inc.
MIC4682
June 2007
14
M9999-061507
Typical Application Circuits
SW
SHDN
GND
IN
5
3
4
2,6,7
1
82
1
5-8
3
4
FB
ISET
MIC4682
C1
10µF/25V
Taiyo Yuden
TMK432BJ106MM
V
IN
11V to 24V
BAT
GND
IN
FB
EN
MIC79050
GND
V
OUT
4.2V 0.75%
GND
R1
10M
R2
28k
R3
3.01k
D1
1A/40V
MBRX140
Micro Commercial Components
R4
C2
100µF
10V(x2)
AVX
TPSC107M010R0200
L1
47H
Sumida
CDRH6D28-470NC
C3
4.7µF/20V
AVX
TPSA475M020R1800
2.5
3
3.5
4
4.5
0
250
500
750
1000
OUTPUT CURRENT (mA)
MIC4682 Current Limit
Characteristics
V
IN =12V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1234
56
7
TIME (hrs)
Typical
Charging Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
V
IN = 12V
Batt = 1.25Ah
Cutoff Voltage = 3.0V
Constant Current
Constant Voltage
Figure 6.Low-Cost Li Ion Battery Charger with 0.75% Precision Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com