Electronic Components Datasheet Search
  English  ▼

X  

MIC4682 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4682
Description  Precision Current Limit SOIC-8 SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4682 Datasheet HTML 5Page - Micrel Semiconductor MIC4682 Datasheet HTML 6Page - Micrel Semiconductor MIC4682 Datasheet HTML 7Page - Micrel Semiconductor MIC4682 Datasheet HTML 8Page - Micrel Semiconductor MIC4682 Datasheet HTML 9Page - Micrel Semiconductor MIC4682 Datasheet HTML 10Page - Micrel Semiconductor MIC4682 Datasheet HTML 11Page - Micrel Semiconductor MIC4682 Datasheet HTML 12Page - Micrel Semiconductor MIC4682 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Micrel, Inc.
MIC4682
June 2007
9
M9999-061507
Functional Diagram
SW
FB
R1
R2
C
OUT
V
IN
IN
V
OUT
MIC4682
Internal
Regulator
SHDN
ISET
200kHz
Oscillator
Thermal
Shutdown
Reset
Current
Limit
Com-
parator
Error
Amp
2A
Switch
Driver
1.23V
Bandgap
Reference
GND
VV
R1
R2
1
V
1.23V
R1 R2
V
V
1
R2
R1
V
V
–1
OUT
FB
FB
OUT
FB
OUT
FB
=+
⎛
⎝⎜
⎞
⎠⎟
=
=−
⎛
⎝⎜
⎞
⎠⎟
=
⎛
⎝⎜
⎞
⎠⎟
Figure 1. MIC4682 Block Diagram
Functional Description
The MIC4862 is a constant frequency, voltage mode-
switching regulator. Referring to the block diagram,
regulation is achieved when the feedback voltage is
equal to the band gap reference. The FB pin senses the
output voltage and feeds into the input of the Error Amp.
The output of the Error Amp produces a positive voltage
to compare with the 200kHz saw-tooth waveform. These
two signals are fed into the comparator to generate the
Pulse Width Modulation (PWM) signal to turn on and off
the internal switch. The duty cycle is defined as the time
the switch turns on divided by the period of the saw-
tooth oscillator. Initially, when power is applied to the IN
pin, the duty cycle is high because the feedback is close
to ground. As the output and feedback voltage start to
rise, the duty cycle decreases.
During the on time, current flows through the switch and
into the inductor until it reaches the peak current limit or
the maximum duty cycle which turns the switch off. The
external resistor at the ISET pin sets the peak current
limit. The maximum duty cycle is controlled by the Reset
circuitry. At this time, energy is stored in the inductor.
The current charges the output capacitor and supplies to
the load. The Schottky diode is reversed bias.
When the internal switch is off, the stored energy in the
inductor starts to collapse. The voltage across the
inductor reverses polarity and the inductor current starts
to decrease. The Schottky diode clamps the switch
voltage from going too negative and provides the path
for the inductor current. During the off time, the inductor
and the output capacitor provide current to the load.
An internal regulator provides power to the control
circuitry and the thermal protection circuitry turns off the
internal switch when the junction temperature exceeds
about 160°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com