Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments TPS54331 Datasheet HTML 10Page - Texas Instruments TPS54331 Datasheet HTML 11Page - Texas Instruments TPS54331 Datasheet HTML 12Page - Texas Instruments TPS54331 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CURRENT MODE COMPENSATION DESIGN
OVERCURRENT PROTECTION AND FREQUENCY SHIFT
OVERVOLTAGE TRANSIENT PROTECTION
THERMAL SHUTDOWN
TPS54331
www.ti.com ....................................................................................................................................................................................................... SLVS839 – JULY 2008
To simplify design efforts using the TPS54331, the typical designs for common applications are listed in Table 1.
For designs using ceramic output capacitors, the voltage ratings of ceramic output capacitors are recommended
to be at least twice of the output voltages. Advanced users may refer to the Step by Step Design Procedure in
the Application Information section for the detailed guidelines or use SwitcherPro™ Software tool
(http://focus.ti.com/docs/toolsw/folders/print/switcherpro.html).
Table 1. Typical Designs (Referring to Simplified Schematic on page 1)
VIN
VOUT
Fsw
Lo
Co
RO1
RO2
C2
C1
R3
(V)
(V)
(kHz)
(
µH)
(k
Ω)
(k
Ω)
(pF)
(pF)
(k
Ω)
12
5
570
6.8
Ceramic 33
µFx2
10
1.91
39
4700
49.9
12
3.3
570
6.8
Ceramic 47
µFx2
10
3.24
47
1000
29.4
12
1.8
570
4.7
Ceramic 100
µF
10
8.06
68
5600
29.4
12
0.9
570
3.3
Ceramic 100
µFx2
10
80.6
56
5600
29.4
12
5
570
6.8
Aluminum 330
µF/160 mΩ
10
1.91
68
120
29.4
12
3.3
570
6.8
Aluminum 470
µF/160 mΩ
10
3.24
82
220
10
12
1.8
570
4.7
SP 100
µF/15 mΩ
10
8.06
68
5600
29.4
12
0.9
570
3.3
SP 330
µF/12 mΩ
10
80.6
100
1200
49.9
The TPS54331 implements current mode control that uses the COMP pin voltage to turn off the high-side
MOSFET on a cycle by cycle basis. Every cycle the switch current and the COMP pin voltage are compared;
when the peak inductor current intersects the COMP pin voltage, the high-side switch is turned off. During
overcurrent conditions that pull the output voltage low, the error amplifier responds by driving the COMP pin high,
causing the switch current to increase. The COMP pin has a maximum clamp internally, which limit the output
current.
The TPS54331 provides robust protection during short circuits. There is potential for overcurrent runaway in the
output inductor during a short circuit at the output. The TPS54331 solves this issue by increasing the off time
during short circuit conditions by lowering the switching frequency. The switching frequency is divided by 8, 4, 2,
and 1 as the voltage ramps from 0V to 0.8V on VSENSE pin. The relationship between the switching frequency
and the VSENSE pin voltage is shown in Table 2.
Table 2. Switching Frequency Conditions
SWITCHING FREQUENCY
VSENSE PIN VOLTAGE
570 kHz
VSENSE
≥ 0.6 V
570 kHz / 2
0.6 V > VSENSE
≥ 0.4 V
570 kHz / 4
0.4 V > VSENSE
≥ 0.2 V
570 kHz / 8
0.2 V > VSENSE
The TPS54331 incorporates an overvoltage transient protection (OVTP) circuit to minimize output voltage
overshoot when recovering from output fault conditions or strong unload transients. The OVTP circuit includes an
overvoltage comparator to compare the VSENSE pin voltage and internal thresholds. When the VSENSE pin
voltage goes above 109% × Vref, the high-side MOSFET will be forced off. When the VSENSE pin voltage falls
below 107% × Vref, the high-side MOSFET will be enabled again.
The device implements an internal thermal shutdown to protect itself if the junction temperature exceeds 165°C.
The thermal shutdown forces the device to stop switching when the junction temperature exceeds the thermal
trip threshold. Once the die temperature decreases below 165°C, the device reinitiates the power up sequence.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com