Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 14Page - Texas Instruments TPS54331 Datasheet HTML 15Page - Texas Instruments TPS54331 Datasheet HTML 16Page - Texas Instruments TPS54331 Datasheet HTML 17Page - Texas Instruments TPS54331 Datasheet HTML 18Page - Texas Instruments TPS54331 Datasheet HTML 19Page - Texas Instruments TPS54331 Datasheet HTML 20Page - Texas Instruments TPS54331 Datasheet HTML 21Page - Texas Instruments TPS54331 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
APPLICATION CURVES
0
10
20
30
40
50
60
70
80
90
100
0
0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2
I
-OutputCurrent- A
O
V
=7V
IN
V
=14V
IN
V
=21V
IN
V
=28V
IN
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
I
-OutputCurrent- A
O
V
=7V
IN
V
=14V
IN
V
=21V
IN
V
=28V
IN
0.9985
0.999
0.9995
1
1.0005
1.001
1.0015
1.002
1.0025
1.003
1.0035
1.004
0
0.5
1
1.5
2
2.5
3
3.5
V
=14V
IN
V
=21V
IN
V
=28V
IN
V
=7V
IN
I
-OutputCurrent- A
O
3.28
3.29
3.3
3.31
3.32
3.33
3.34
3.35
3.36
3.37
3.38
0
5
10
15
20
25
30
V -InputVoltage-V
I
I
=0 A
O
I
=1.5 A
O
I
=3 A
O
TPS54331
SLVS839 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Figure 15. TPS54331 Efficiency
Figure 16. TPS54331 Low Current Efficiency
Figure 17. TPS54331 Load Regulation
Figure 18. TPS54331 Line Regulation
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com