Electronic Components Datasheet Search
  English  ▼

X  

RT9193 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9193
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9193 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9193 Datasheet HTML 1Page - Richtek Technology Corporation RT9193 Datasheet HTML 2Page - Richtek Technology Corporation RT9193 Datasheet HTML 3Page - Richtek Technology Corporation RT9193 Datasheet HTML 4Page - Richtek Technology Corporation RT9193 Datasheet HTML 5Page - Richtek Technology Corporation RT9193 Datasheet HTML 6Page - Richtek Technology Corporation RT9193 Datasheet HTML 7Page - Richtek Technology Corporation RT9193 Datasheet HTML 8Page - Richtek Technology Corporation RT9193 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9193
5
DS9193-11 May 2008
www.richtek.com
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
0
0.05
0.1
0.15
0.2
0.25
0.3
Load Current (A)
RT9193-33xB
CIN = COUT = 1uF
TJ = 125°C
TJ = 25°C
TJ = -40°C
Typical Operating Characteristics
PSRR
-80
-60
-40
-20
0
20
0.01
0.1
1
10
100
1000
Frequency (kHz)
ILoad = 10mA
ILoad = 100mA
10
100
1K
10K
100K
1M
(Hz)
VIN = 4V to 5V
CIN = COUT = 1uF, X7R
EN Pin Shoutdown Threshold vs. Temperature
0.5
0.75
1
1.25
1.5
1.75
-50
-25
0
25
50
75
100
125
Temperature (
°C)
RT9193-15xU5
VIN = 3.3V
CIN = COUT = 1uF X7R
Quiescent Current vs. Temperature
60
65
70
75
80
85
90
95
-50
-25
0
255075
100
125
Temperature (°C)
RT9193-15xU5
VIN = 3.3V
CIN = COUT = 1uF X7R
Output Voltage vs. Temperature
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100
125
Temperature (
°C)
RT9193-15xU5
VIN = 3.3V
CIN = COUT = 1uF X7R
Time (500
μs/Div)
VIN = 5V
CIN = COUT = 1uF
EN Pin Shutdown Response
RT9193-28xU5
No Load
10
5
0
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com