Electronic Components Datasheet Search
  English  ▼

X  

RT9193 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9193
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9193 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9193 Datasheet HTML 6Page - Richtek Technology Corporation RT9193 Datasheet HTML 7Page - Richtek Technology Corporation RT9193 Datasheet HTML 8Page - Richtek Technology Corporation RT9193 Datasheet HTML 9Page - Richtek Technology Corporation RT9193 Datasheet HTML 10Page - Richtek Technology Corporation RT9193 Datasheet HTML 11Page - Richtek Technology Corporation RT9193 Datasheet HTML 12Page - Richtek Technology Corporation RT9193 Datasheet HTML 13Page - Richtek Technology Corporation RT9193 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9193
10
DS9193-11 May 2008
www.richtek.com
A
A1
e
b
B
D
C
H
L
SC
-70-5 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.800
1.100
0.031
0.044
A1
0.000
0.100
0.000
0.004
B
1.150
1.350
0.045
0.054
b
0.150
0.400
0.006
0.016
C
1.800
2.450
0.071
0.096
D
1.800
2.250
0.071
0.089
e
0.650
0.026
H
0.080
0.260
0.003
0.010
L
0.210
0.460
0.008
0.018
Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com