Electronic Components Datasheet Search
  English  ▼

X  

NESM005AT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NESM005AT
Description  FULL COLOR LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESM005AT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NESM005AT Datasheet HTML 1Page - NICHIA CORPORATION NESM005AT Datasheet HTML 2Page - NICHIA CORPORATION NESM005AT Datasheet HTML 3Page - NICHIA CORPORATION NESM005AT Datasheet HTML 4Page - NICHIA CORPORATION NESM005AT Datasheet HTML 5Page - NICHIA CORPORATION NESM005AT Datasheet HTML 6Page - NICHIA CORPORATION NESM005AT Datasheet HTML 7Page - NICHIA CORPORATION NESM005AT Datasheet HTML 8Page - NICHIA CORPORATION NESM005AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CM7053A
<Cat.No.070507>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Absolute Maximum Rating
Item
Symbol
Blue
Green
Red
Unit
Forward Current
IF
17
17
25
mA
Pulse Forward Current
IFP
70
70
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
60
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
Value is for one LED device (Single color). Total value should be within the absolute maximum rating
when illuminating more than two devices (full colors).
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Blue
Green
Red
Item
Symbol
Condition
Typ.
Max.
Typ.
Max.
Typ.
Max.
Unit
Forward Voltage
VF
B,G IF=10[mA]
R IF=20[mA]
(3.0)
3.4
(3.0)
3.4
(1.9)
2.4
V
Reverse Current
IR
VR= 5[V]
-
50
-
50
-
50
µA
Luminous Intensity
Iv
B,G IF=10[mA]
R IF=20[mA]
(45)
-
(165)
-
(60)
-
mcd
x
-
0.133
-
0.189
-
0.700
-
-
y
-
B,G IF=10[mA]
R IF=20[mA]
0.075
-
0.718
-
0.299
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Blue
Green
Red
Item
Symbol
Condition
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Luminous Intensity
Iv
B,G IF=10[mA]
R IF=20[mA]
30
60
110
220
30
90
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(B,G IF=10mA
R IF=20mA, Ta=25°C)
Blue
Rank W
x
0.139
0.129
0.113
0.134
0.145
0.152
y
0.035
0.050
0.080
0.105
0.072
0.056
<
=
<
=
Chromaticity Coordinate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com