Electronic Components Datasheet Search
  English  ▼

X  

NESM005AT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NESM005AT
Description  FULL COLOR LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESM005AT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NESM005AT Datasheet HTML 1Page - NICHIA CORPORATION NESM005AT Datasheet HTML 2Page - NICHIA CORPORATION NESM005AT Datasheet HTML 3Page - NICHIA CORPORATION NESM005AT Datasheet HTML 4Page - NICHIA CORPORATION NESM005AT Datasheet HTML 5Page - NICHIA CORPORATION NESM005AT Datasheet HTML 6Page - NICHIA CORPORATION NESM005AT Datasheet HTML 7Page - NICHIA CORPORATION NESM005AT Datasheet HTML 8Page - NICHIA CORPORATION NESM005AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
-2-
Nichia
STSE-CM7053A
<Cat.No.070507>
Green
Rank G0c
x
0.166
0.136
0.176
0.220
0.237
0.201
y
0.676
0.739
0.750
0.745
0.684
0.686
Red
Rank R
x
0.674
0.648
0.677
0.708
y
0.296
0.323
0.323
0.292
Color Coordinates Measurement allowance is ± 0.01.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Package
:
Black Glass Fabric Based-Epoxy Resin
Encapsulating Resin
:
Silicone Resin (Diffused)
Electrodes
:
Au Plating
Copper Alloy
4.PACKAGING
· The LEDs are packed in cardboard boxes after taping.
Please refer to figure’s page.
The label on the minimum packing unit shows ; Part Number, Lot Number, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT
NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
Year
( 6 for 2006,
7 for 2007 )
-
Month
( 1 for Jan.,
9 for Sep.,
A for Oct.,
B for Nov. )
-
Nichia's Product Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com