Electronic Components Datasheet Search
  English  ▼

X  

NESM005AT Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NESM005AT
Description  FULL COLOR LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESM005AT Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NESM005AT Datasheet HTML 1Page - NICHIA CORPORATION NESM005AT Datasheet HTML 2Page - NICHIA CORPORATION NESM005AT Datasheet HTML 3Page - NICHIA CORPORATION NESM005AT Datasheet HTML 4Page - NICHIA CORPORATION NESM005AT Datasheet HTML 5Page - NICHIA CORPORATION NESM005AT Datasheet HTML 6Page - NICHIA CORPORATION NESM005AT Datasheet HTML 7Page - NICHIA CORPORATION NESM005AT Datasheet HTML 8Page - NICHIA CORPORATION NESM005AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
-3-
Nichia
STSE-CM7053A
<Cat.No.070507>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C,
10sec.
(Pre treatment 30°C,70%,168hrs.)
2 times
0/22
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min.
5min.
30min.
5min.
100 cycles
0/50
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH
24hrs./1cycle
10 cycles
0/50
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
500hrs.
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C,
RH=90%
500hrs.
0/50
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
500hrs.
0/50
Steady State Operating Life
Ta=25°C,
B
IF=2mA
G
IF=4mA
R
IF=11mA
500hrs.
0/50
Steady State Operating Life
of High Humidity Heat
60°C, RH=90%, B
IF=2mA
G
IF=2mA
R
IF=3mA
300hrs.
0/50
Steady State Operating Life
of Low Temperature
Ta=-30°C,
B
IF=2mA
G
IF=4mA
R
IF=11mA
500hrs.
0/50
Vibration
JEITA ED-4701
400 403
100 ~ 2000 ~ 100Hz Sweep 4min.
200m/s
2
3directions, 4cycles
48min.
0/10
Value for one LED device (Single color).
(2) CRITERIA FOR JUDGING DAMAGE
(Value for one LED device (Single color).)
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
B,G
IF=10mA
R
IF=20mA
-
U.S.L.*) 1.1
Reverse Current
IR
B,G,R
VR=5V
-
U.S.L.*) 2.0
Luminous Intensity
IV
B,G
IF=10mA
R
IF=20mA
L.S.L.**) 0.7
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com