Electronic Components Datasheet Search
  English  ▼

X  

56F827 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
56F827 Technical Data, Rev. 12
24
Freescale Semiconductor
PWM pin output sink current4
IOLP
16
—
—
mA
Input capacitance
CIN
—8
—
pF
Output capacitance
COUT
—12
—
pF
VDD supply current
IDDT5
Run 6
—60
90
mA
Wait7
—35
50
mA
Stop
—6
15
mA
Low Voltage Interrupt, VDDIO power supply8
VEIO
2.4
2.7
3.0
V
Low Voltage Interrupt, VDD power supply9
VEIC
2.0
2.2
2.4
V
Power-on Reset10
VPOR
—1.7
2.0
V
1. Schmitt Trigger inputs are: EXTBOOT, IRQA, IRQB, RESET, TCS, TCK, TRST, TMS, TDI, and RXD1.
2. Analog inputs are: ANA[0:7], XTAL and EXTAL. Specification assumes ADC is not sampling.
3. PWM pin output source current measured with 50% duty cycle.
4. PWM pin output sink current measured with 50% duty cycle.
5. IDDT = IDD + IDDA (Total supply current for VDD + VDDA)
6. Run (operating) IDD measured using 4MHz clock source. All inputs 0.2V from rail; outputs unloaded. All ports configured as inputs;
measured with all modules enabled.
7. Wait IDD measured using external square wave clock source (fosc = 4MHz) into XTAL; all inputs 0.2V from rail; no DC loads; less
than 50pF on all outputs. CL = 20pF on EXTAL; all ports configured as inputs; EXTAL capacitance linearly affects wait IDD; measured
with PLL enabled.
8. This low-voltage interrupt monitors the VDDIO power supply. If VDDIO drops below VEIO, an interrupt is generated. Functionality of
the device is guaranteed under transient conditions when VDDIO >VEIO (between the minimum specified VDDIO and the point when
the VEIO interrupt is generated).
9. This low-voltage interrupt monitors the VDD power supply. If VDDIO drops below VEIC, an interrupt is generated. Functionality of
the device is guaranteed under transient conditions when VDD >VEIC (between the minimum specified VDD and the point when the
VEIC interrupt is generated).
10. Power
–on reset occurs whenever the VDD power supply drops below VPOR. While power is ramping up, this signal remains active
as long as VDD is below VPOR, no matter how long the ramp-up rate is.
Table 3-4 DC Electrical Characteristics (Continued)
Operating Conditions: VSSIO=VSS = VSSA = 0V, VDDA =VDDIO=3.0–3.6V, VDD = 2.25–2.75V, TA = –40° to +85°C, CL ≤ 50pF, fop = 80MHz
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com