Electronic Components Datasheet Search
  English  ▼

X  

56F827 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Supply Voltage Sequencing and Separation Cautions
56F827 Technical Data, Rev. 12
Freescale Semiconductor
25
Figure 3-1 Maximum Run IDD vs. Frequency (see Note 6. in Table 3-4)
3.3 Supply Voltage Sequencing and Separation Cautions
Figure 3-2 shows two situations to avoid in sequencing the VDD and VDDIO, VDDA supplies.
Notes: 1. VDD rising before VDDIO, VDDA
2. VDDIO, VDDA rising much faster than VDD
Figure 3-2 Supply Voltage Sequencing and Separation Cautions
0
20
40
80
100
10
20
30
40
50
60
70
80
Freq. (MHz)
60
IDD Digital
IDD Analog
IDD Total
3.3V
2.5V
Time
0
2
1
Supplies Stable
VDD
VDDIO, VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com