Electronic Components Datasheet Search
  English  ▼

X  

56F827 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Signals and Package Information
56F827 Technical Data, Rev. 12
Freescale Semiconductor
11
VPP
90
Input
VPP—This pin should be left unconnected as an open circuit for normal
functionality.
EXTAL
59
Input
External Crystal Oscillator Input—This input should be connected to a
4MHz external crystal or ceramic resonator. For more information, please refer
to Section 3.6.
This pin can also be connected to an external clock source. For more
information, please refer to Section 3.6.3.
XTAL
(CLOCKIN)
60
Output
Input
Crystal Oscillator Output—This output connects the internal crystal oscillator
output to an external crystal or ceramic resonator. If an external clock source
over 4MHz is used, XTAL must be used as the input and EXTAL connected to
VSS. For more information, please refer to Section 3.6.3.
External Clock Input—This input should be used when using an external
clock or ceramic resonator.
CLKO
57
Output
Clock Output—This pin outputs a buffered clock signal. By programming the
CLKO Select Register (CLKOSR), the user can select between outputting a
version of the signal applied to XTAL and a version of the device master clock
at the output of the PLL. The clock frequency on this pin can be disabled by
programming the CLKO Select Register (CLKOSR).
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP (Continued)
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com