Electronic Components Datasheet Search
  English  ▼

X  

ADS8519IBDB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8519IBDB
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IBDB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8519IBDB Datasheet HTML 3Page - Texas Instruments ADS8519IBDB Datasheet HTML 4Page - Texas Instruments ADS8519IBDB Datasheet HTML 5Page - Texas Instruments ADS8519IBDB Datasheet HTML 6Page - Texas Instruments ADS8519IBDB Datasheet HTML 7Page - Texas Instruments ADS8519IBDB Datasheet HTML 8Page - Texas Instruments ADS8519IBDB Datasheet HTML 9Page - Texas Instruments ADS8519IBDB Datasheet HTML 10Page - Texas Instruments ADS8519IBDB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
TIMING REQUIREMENTS, TA = –40°C to +85°C
TIMING DIAGRAMS
1
2
tsu1
tsu1
CS
R/C
External
DATACLK
CS Set Low, Discontinuous Ext DATACLK
tsu1
tsu1
R/C
CS
External
DATACLK
R/C Set Low, Discontinuous Ext DATACLK
tsu2
tsu2
CS
R/C
tsu3
BUSY
External
DATACLK
CS Set Low, Discontinuous Ext DATACLK
Setup Time, R/C to CS
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
PARAMETER
MIN
TYP
MAX
UNIT
tw1
Pulse duration, convert
40
ns
td1
Delay time, BUSY from R/C low
6
20
ns
tw2
Pulse duration, BUSY low
2.2
µs
td2
Delay time, BUSY, after end of conversion
5
ns
td3
Delay time, aperture
5
ns
tconv
Conversion time
2.2
µs
tacq
Acquisition time
1.8
µs
tconv + tacq Cycle time
4
µs
td4
Delay time, R/C Low to internal DATACLK output
270
ns
tc1
Cycle time, internal DATACLK
110
ns
td5
Delay time, data valid to internal DATACLK high
15
35
ns
td6
Delay time, data valid after internal DATACLK low
20
35
ns
tc2
Cycle time, external DATACLK
35
ns
tw3
Pulse duration, external DATACLK high
15
ns
tw4
Pulse duration, external DATACLK low
15
ns
tsu1
Setup time, R/C rise/fall to external DATACLK high
15
ns
tsu2
Setup time, R/C transition to CS transition
10
ns
td7
Delay time, SYNC, after external DATACLK high
3
35
ns
td8
Delay time, data valid from external DATACLK high
2
13
ns
td9
Delay time, CS rising edge to external DATACLK rising edge
10
ns
td10
Delay time, previous data available after CS, R/C low
2
µs
tsu3
Setup time, BUSY transition to first external DATACLK
5
ns
td11
Delay time, final external DATACLK to BUSY rising edge
1
µs
tsu4
Setup time, TAG valid
0
ns
th1
Hold time, TAG valid
2
ns
Figure 1. Critical Timing
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com