Electronic Components Datasheet Search
  English  ▼

X  

ADS8519IBDB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8519IBDB
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IBDB Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8519IBDB Datasheet HTML 17Page - Texas Instruments ADS8519IBDB Datasheet HTML 18Page - Texas Instruments ADS8519IBDB Datasheet HTML 19Page - Texas Instruments ADS8519IBDB Datasheet HTML 20Page - Texas Instruments ADS8519IBDB Datasheet HTML 21Page - Texas Instruments ADS8519IBDB Datasheet HTML 22Page - Texas Instruments ADS8519IBDB Datasheet HTML 23Page - Texas Instruments ADS8519IBDB Datasheet HTML 24Page - Texas Instruments ADS8519IBDB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
1
2
3
4
5
AGND2
CAP
REF
AGND1
V
IN
+
+5V
+
Gain
1
2
3
4
5
AGND2
CAP
REF
AGND1
VIN
+
+
±
10V
20kW
2.2 F
m
30kW
±
10V
(a) ± 10VWithHardware Trim
(b) ± 10VWithoutHardware Trim
Note:Use1%metalfilmresistors.
175kW
2.2 F
m
2.2 F
m
2.2 F
m
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
Table 5. Output Codes and Ideal Input Voltages
DESCRIPTION
ANALOG INPUT RANGE
DIGITAL OUTPUT
Full-scale range
±10V
±5V
0V to 8.192V
BINARY TWO'S COMPLEMENT
STRAIGHT BINARY
(SB/BTC LOW)
(SB/BTC HIGH)
Least significant
305
µV
153
µV
125
µV
bit (LSB)
BINARY CODE
HEX CODE
BINARY CODE
HEX CODE
+Full-scale
9.999695V
4.999847V
8.191875V
0111 1111 1111 1111
7FFF
1111 1111 1111 1111
FFFF
(FS – 1LSB)
Midscale
0V
0V
4.096V
0000 0000 0000 0000
0000
1000 0000 0000 0000
8000
One LSB below
–305
µV
153
µV
4.095975V
1111 1111 1111 1111
FFFF
0111 1111 1111 1111
7FFF
midscale
–Full scale
–10V
–5V
0V
1000 0000 0000 0000
8000
0000 0000 0000 0000
0000
Figure 32. Gain Adjust Trim
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com