Electronic Components Datasheet Search
  English  ▼

X  

ADS8519IBDB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8519IBDB
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IBDB Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8519IBDB Datasheet HTML 15Page - Texas Instruments ADS8519IBDB Datasheet HTML 16Page - Texas Instruments ADS8519IBDB Datasheet HTML 17Page - Texas Instruments ADS8519IBDB Datasheet HTML 18Page - Texas Instruments ADS8519IBDB Datasheet HTML 19Page - Texas Instruments ADS8519IBDB Datasheet HTML 20Page - Texas Instruments ADS8519IBDB Datasheet HTML 21Page - Texas Instruments ADS8519IBDB Datasheet HTML 22Page - Texas Instruments ADS8519IBDB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
Input Range
±10V
±5V
Without Trim
With Trim
(Adjust Gain)
+
+
+
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
VIN
2.2
µF
2.2
µF
2.2
µF
+5V
50k
Ω
576k
Ω
2.2
µF
+
+
VIN
VIN
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
+5V
+
+
2.2
µF
2.2
µF
576k
Ω
50k
Ω
VIN
2.2
µF
2.2
µF
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
Figure 30. Offset/Gain Circuits for Bipolar Input Ranges
Analog input pins R1IN, R2IN, and R3IN have ±25V overvoltage protection. The input signal must be referenced to
AGND1. This referencing minimizes the ground-loop problem typical to analog designs. The analog input should
be driven by a low-impedance source. A typical driving circuit using the OPA627 or OPA132 is shown in
Figure 30.
The ADS8519 can operate with its internal 4.096V reference or an external reference. An external reference
connected to pin 6 (REF) bypasses the internal reference. The external reference must drive the 4k
Ω resistor
that separates pin 6 from the internal reference (see the illustration on page 1). The load varies with the
difference between the internal and external reference voltages. The external reference voltage can vary from
3.9V to 4.2V. The internal reference is approximately 4.096V. The reference, whether internal or external, is
buffered internally with the output on pin 5 (CAP).
The ADS8519 is factory-tested with 2.2
µF capacitors connected to pin 5 (CAP) and pin 6 (REF). Each capacitor
should be placed as close as possible to its pin. The capacitor on pin 6 band-limits the internal reference noise.
A smaller capacitor can be used, but it may degrade SNR and SINAD The capacitor on pin 5 stabilizes the
reference buffer and provides switching charge to the CDAC during conversion. Capacitors smaller than 1
µF
may cause the buffer to become unstable and not hold sufficient charge for the CDAC. The parts are tested to
specifications with 2.2
µF, so larger capacitors are not necessary. The equivalent series resistance (ESR) of
these compensation capacitors is also critical. Keep the total ESR under 3
Ω. See the Typical Characteristics
section concerning how ESR affects performance.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com