Electronic Components Datasheet Search
  English  ▼

X  

NSPGR70ASS Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSPGR70ASS
Description  GREEN LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPGR70ASS Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSPGR70ASS Datasheet HTML 3Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 4Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 9Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 10Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
-6-
Nichia STSE-CG5125A
<Cat.No.051019>
(6) Safety Guideline for Human Eyes
· In 1993, the International Electric Committee (IEC) issued a standard concerning laser product safety
(IEC 825-1). Since then, this standard has been applied for diffused light sources (LEDs) as well
as lasers.
In 1998 IEC 60825-1 Edition 1.1 evaluated the magnitude of the light source.
In 2001 IEC 60825-1 Amendment 2 converted the laser class into 7 classes for end products.
Components are excluded from this system. Products which contain visible LEDs are now classified
as class 1. Products containing UV LEDs are class 1M. Products containing LEDs can be classified
as class 2 in cases where viewing angles are narrow, optical manipulation intensifies the light, and/or the
energy emitted is high. For these systems it is recommended to avoid long term exposure.
It is also recommended to follow the IEC regulations regarding safety and labeling of products.
(7) Others
· Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating
when using the LEDs with matrix drive.
· Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use.
Also, people should be cautious when using equipment that has had LEDs
incorporated into it.
· The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such
as office equipment, communications equipment, measurement instruments and household appliances).
Consult Nichia’s sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly
jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor
control systems, automobiles, traffic control equipment, life support systems and safety devices).
· User shall not reverse engineer by disassembling or analysis of the LEDs without having prior written
consent from Nichia.
When defective LEDs are found, the User shall inform Nichia directly before
disassembling or analysis.
· The formal specifications must be exchanged and signed by both parties before large volume purchase begins.
· The appearance and specifications of the product may be modified for improvement without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com