Electronic Components Datasheet Search
  English  ▼

X  

NSPGR70ASS Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NSPGR70ASS
Description  GREEN LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPGR70ASS Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NSPGR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 9Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 10Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 11Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 12Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ITEM
MATERIALS
RESIN
Epoxy Resin
(over Silicone Resin +
Diffused)
LEAD FRAME
Ag Plating Copper Alloy
Remark:
Please note that the bare copper alloy showing at the cut end
of the lead frame may be corroded under certain conditions.
LEDs have some sharp edges and points, particularly lead
frames. Please handle with care so as to avoid injuries.
Stopper
0.5
(5
°)
5.08 ± 0.3
0.4 ± 0.1
7.5 ± 0.5
4.4
0.5
32
41
Internal Circuit
A
K
K
A
7.62 ± 0.5
φ 3
(C 1.25) 1 Pin Mark
32
41
R 0.69
Unit
mm
Allow
NICHIA CORPORATION
No.
OUTLINE DIMENSIONS
051005544991
Title
Model
NSPGR70AS
±0.2
Scale
5/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com