Electronic Components Datasheet Search
  English  ▼

X  

NSPGR70ASS Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPGR70ASS
Description  GREEN LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPGR70ASS Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPGR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 9Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 10Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 11Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 12Page - NICHIA CORPORATION NSPGR70ASS Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
1mA
(541nm)
5mA
(535nm)
30mA
(525nm)
100mA(514nm)
50mA
(520nm)
0.80
0.75
0.70
0.65
0.60
0.55
0.05 0.10 0.15 0.20 0.25 0.30
555
545
525
495
535
515
505
531
527
525
519
529
523
521
020
60 80 100
40
-40 -20
15
10 20
100
50
Directivity
Radiation Angle
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
1.0
0.5
0
Spectrum
Forward Current vs.
Chromaticity Coordinate (λD)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
xx
0°
30°
0.5
90°
60°
1.0
Ta=25°C
Ta=25°C
IFP=30mA
Wavelength
λ (nm)
1.2
1.0
0.8
0.4
0.2
0
0.6
Ta=25°C
IF=30mA
Ta=25°C
IFP=30mA
400 450 500 550
650 700
600
CHARACTERISTICS
Model
NSPGR70AS
NICHIA CORPORATION Title
No.
051005544981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com