Electronic Components Datasheet Search
  English  ▼

X  

NSPW310CS Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSPW310CS
Description  WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW310CS Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSPW310CS Datasheet HTML 1Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 2Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 3Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 4Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 5Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 6Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 7Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 8Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
-4-
Nichia
STSE-CW5176A
<Cat.No.051212>
7.CAUTIONS
The LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of the LEDs is changed a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Lead Forming
· When forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb.
Do not use the base of the leadframe as a fulcrum during lead forming.
· Lead forming should be done before soldering.
· Do not apply any bending stress to the base of the lead.
The stress to the base may damage the LED’s
characteristics or it may break the LEDs.
· When mounting the LEDs onto a printed circuit board, the holes on the circuit board should be exactly
aligned with the leads of the LEDs.
If the LEDs are mounted with stress at the leads, it causes
deterioration of the epoxy resin and this will degrade the LEDs.
(2) Storage
· The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from Nichia and
the storage life limits are 3 months.
If the LEDs are stored for 3 months or more, they can be stored
for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material.
· Nichia LED leadframes are silver plated copper alloy.
The silver surface may be affected by
environments which contain corrosive substances. Please avoid conditions which may cause the LED
to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering
operations. It is recommended that the LEDs be used as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where
condensation can occur.
(3) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded.
It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the leak current remarkably
increases, the forward voltage becomes lower, or the LEDs do not light at the low current.
Criteria : (VF > 2.0V
at
IF=0.5mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com