Electronic Components Datasheet Search
  English  ▼

X  

NSPW310CS Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NSPW310CS
Description  WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW310CS Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NSPW310CS Datasheet HTML 1Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 2Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 3Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 4Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 5Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 6Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 7Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 8Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
-3-
Nichia
STSE-CW5176A
<Cat.No.051212>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
JEITA ED-4701
300 302
Tsld=260 ± 5°C,
10sec.
3mm from the base of the epoxy bulb
1 time
0/100
Solderability
JEITA ED-4701
300 303
Tsld=235 ± 5°C,
5sec.
(using flux)
1 time
over 95%
0/100
Thermal Shock
JEITA ED-4701
300 307
0°C ~ 100°C
15sec.
15sec.
100 cycles
0/100
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/100
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH
24hrs./1cycle
10 cycles
0/100
Terminal Strength
(bending test)
JEITA ED-4701
400 401
Load 5N (0.5kgf)
0° ~ 90° ~ 0° bend 2 times
Nonoticeable
damage
0/100
Terminal Strength
(pull test)
JEITA ED-4701
400 401
Load 10N (1kgf)
10 ± 1 sec.
Nonoticeable
damage
0/100
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
1000hrs.
0/100
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C,
RH=90%
1000hrs.
0/100
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
1000hrs.
0/100
Steady State Operating Life
Ta=25°C,
IF=30mA
1000hrs.
0/100
Steady State Operating Life
of High Humidity Heat
60°C, RH=90%,
IF=20mA
500hrs.
0/100
Steady State Operating Life
of Low Temperature
Ta=-30°C,
IF=20mA
1000hrs.
0/100
(2) CRITERIA FOR JUDGING DAMAGE
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L.*)
1.1
Reverse Current
IR
VR=5V
-
U.S.L.*)
2.0
Luminous Intensity
IV
IF=20mA
L.S.L.**)
0.7
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com