Electronic Components Datasheet Search
  English  ▼

X  

NSPW310CS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPW310CS
Description  WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW310CS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPW310CS Datasheet HTML 1Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 2Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 3Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 4Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 5Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 6Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 7Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 8Page - NICHIA CORPORATION NSPW310CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
-2-
Nichia
STSE-CW5176A
<Cat.No.051212>
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin (over Phosphor)
Leadframe
:
Ag plating
Copper Alloy
4.PACKAGING
· The LEDs are packed in cardboard boxes after packaging in anti-electrostatic bags.
Please refer to figure’s page.
The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT
NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
-
Year
( 4 for 2004,
5 for 2005 )
-
Month
( 1 for Jan.,
9 for Sep.,
A for Oct.,
B for Nov. )
-
Nichia's Product Number
-
Ranking by Color Coordinates
-
Ranking by Luminous Intensity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com