Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 13Page - Texas Instruments TPA2016D2 Datasheet HTML 14Page - Texas Instruments TPA2016D2 Datasheet HTML 15Page - Texas Instruments TPA2016D2 Datasheet HTML 16Page - Texas Instruments TPA2016D2 Datasheet HTML 17Page - Texas Instruments TPA2016D2 Datasheet HTML 18Page - Texas Instruments TPA2016D2 Datasheet HTML 19Page - Texas Instruments TPA2016D2 Datasheet HTML 20Page - Texas Instruments TPA2016D2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
V
-dBV
IN
MaxGain
= 22dB
MaxGain
= 30dB
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
Figure 28. Output Signal vs. Input Signal State Diagram Showing Different Maximum Gains
A particular application requiring maximum gain of 22dB, for example. Thus, set the maximum gain at 22dB. The
amplifier gain will never have a gain higher than 22dB; however, this will reduce the limiter range.
Attack, Release, and Hold time:
• The attack time is the minimum time between gain decreases.
• The release time is the minimum time between gain increases.
• The hold time is the minimum time between a gain decrease (attack) and a gain increase (release). The hold
time can be deactivated. Hold time is only valid if greater than release time.
Successive gain decreases are never faster than the attack time. Successive gain increases are never faster
than the release time.
All time variables (attack, release and hold) start counting after each gain change performed by the AGC. The
AGC is allowed to decrease the gain (attack) only after the attack time finishes. The AGC is allowed to increase
the gain (release) only after the release time finishes counting. However, if the preceding gain change was an
attack (gain increase) and the hold time is enabled and longer than the release time, then the gain is only
increased after the hold time.
The hold time is only enabled after a gain decrease (attack). The hold time replaces the release time after a gain
decrease (attack). If the gain needs to be increased further, then the release time is used. The release time is
used instead of the hold time if the hold time is disabled.
The attack time should be at least 100 times shorter than the release and hold time. The hold time should be the
same or greater than the release time. It is important to select reasonable values for those variables in order to
prevent the gain from changing too often or too slow.
Figure 29 illustrates the relationship between the three time variables.
Copyright © 2008, Texas Instruments Incorporated
17
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com