Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 20Page - Texas Instruments TPA2016D2 Datasheet HTML 21Page - Texas Instruments TPA2016D2 Datasheet HTML 22Page - Texas Instruments TPA2016D2 Datasheet HTML 23Page - Texas Instruments TPA2016D2 Datasheet HTML 24Page - Texas Instruments TPA2016D2 Datasheet HTML 25Page - Texas Instruments TPA2016D2 Datasheet HTML 26Page - Texas Instruments TPA2016D2 Datasheet HTML 27Page - Texas Instruments TPA2016D2 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
AGC RELEASE CONTROL (Address: 3)
REGISTER
LABEL
DEFAULT
DESCRIPTION
I2C BIT
ADDRESS
03 (03H) – AGC
7:6
Unused
00
Release
5:0
REL_time
001011
AGC Release time (gain ramp down)
Control
(1.81 sec/6 dB)
Per Step
Per 6 dB
90% Range
000001
0.0137 s
0.1644 s
0.7398 s
000010
0.0274 s
0.3288 s
1.4796 s
000011
0.0411 s
0.4932 s
2.2194 s
000100
0.0548 s
0.6576 s
2.9592 s
(time increases by 0.0137 s with every step)
111111
0.8631 s
10.36 s
46.6 s
REL_time
These bits set the release time for the AGC function. The release time is the minimum time
between gain increases.
AGC HOLD TIME CONTROL (Address: 4)
REGISTER
LABEL
DEFAULT
DESCRIPTION
I2C BIT
ADDRESS
04 (04H) –
7:6
Unused
00
AGC Hold
5:0
Hold_time
000000 (Disabled)
AGC Hold time
Time Control
Per Step
000000
Hold Time Disable
000001
0.0137 s
000010
0.0274 s
000011
0.0411 s
000100
0.0548 s
(time increases by 0.0137 s with every step)
111111
0.8631 s
Hold_time
These bits set the hold time for the AGC function. The hold time is the minimum time between
a gain decrease (attack) and a gain increase (release). The hold time can be deactivated.
24
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com