Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 19Page - Texas Instruments TPA2016D2 Datasheet HTML 20Page - Texas Instruments TPA2016D2 Datasheet HTML 21Page - Texas Instruments TPA2016D2 Datasheet HTML 22Page - Texas Instruments TPA2016D2 Datasheet HTML 23Page - Texas Instruments TPA2016D2 Datasheet HTML 24Page - Texas Instruments TPA2016D2 Datasheet HTML 25Page - Texas Instruments TPA2016D2 Datasheet HTML 26Page - Texas Instruments TPA2016D2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
IC FUNCTION CONTROL (Address: 1)
REGISTER
I2C BIT
LABEL
DEFAULT
DESCRIPTION
ADDRESS
01 (01H) – IC
7
SPK_EN_R
1 (enabled)
Enables right amplifier
Function Control
6
SPK_EN_L
1 (enabled)
Enables left amplifier
5
SWS
0 (enabled)
Shutdown IC when bit = 1
4
FAULT_R
0
Changes to a 1 when there is a short on the right channel. Reset by writing
a 0.
3
FAULT_L
0
Changes to a 1 when there is a short on the left channel. Reset by writing a
0
2
Thermal
0
Changes to a 1 when die temperature is above 150°C
1
UNUSED
1
0
NG_EN
1 (enabled)
Enables Noise Gate function
SPK_EN_R:
Enable bit for the right-channel amplifier. Amplifier is active when bit is high. This function is
gated by thermal and returns once the IC is below the threshold temperature.
SPK_EN_L:
Enable bit for the left-channel amplifier. Amplifier is active when bit is high. This function is
gated by thermal and returns once the IC is below the threshold temperature
SWS:
Software shutdown control. The device is in software shutdown when the bit is '1' (control, bias
and oscillator are inactive). When the bit is '0' the control, bias and oscillator are enabled.
Fault_L:
This bit indicates that an over-current event has occurred on the left channel with a '1'. This bit
is cleared by writing a '0' to it.
Fault_R:
This bit indicates that an over-current event has occurred on the right channel with a '1'. This
bit is cleared by writing a '0' to it.
Thermal:
This bit indicates a thermal shutdown that was initiated by the hardware with a '1'. This bit is
deglitched and latched, and can be cleared by writing a '0' to it.
NG_EN:
Enable bit for the Noise Gate function. This function is enabled when this bit is high. This
function can only be enabled when the Compression ratio is not 1:1.
AGC ATTACK CONTROL (Address: 2)
REGISTER
LABEL
DEFAULT
DESCRIPTION
I2C BIT
ADDRESS
02 (02H) –
7:6
Unused
00
AGC Control
5:0
ATK_time
000101
AGC Attack time (gain ramp down)
(6.4 ms/6 dB)
Per Step
Per 6 dB
90% Range
000001
0.1067 ms
1.28 ms
5.76 ms
000010
0.2134 ms
2.56 ms
11.52 ms
000011
0.3201 ms
3.84 ms
17.19 ms
000100
0.4268 ms
5.12 ms
23.04 ms
(time increases by 0.1067 ms with every step)
111111
6.722 ms
80.66 ms
362.99 ms
ATK_time
These bits set the attack time for the AGC function. The attack time is the minimum time
between gain decreases.
Copyright © 2008, Texas Instruments Incorporated
23
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com