Electronic Components Datasheet Search
  English  ▼

X  

DRV8809PAP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8809PAP
Description  COMBINATION MOTOR DRIVERS WITH DC-DC CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8809PAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV8809PAP Datasheet HTML 12Page - Texas Instruments DRV8809PAP Datasheet HTML 13Page - Texas Instruments DRV8809PAP Datasheet HTML 14Page - Texas Instruments DRV8809PAP Datasheet HTML 15Page - Texas Instruments DRV8809PAP Datasheet HTML 16Page - Texas Instruments DRV8809PAP Datasheet HTML 17Page - Texas Instruments DRV8809PAP Datasheet HTML 18Page - Texas Instruments DRV8809PAP Datasheet HTML 19Page - Texas Instruments DRV8809PAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
DRV8809
DRV8810
SLVS854A – JULY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com
Extended setup (EX-setup) register bits are assigned for protection control, pre TSD, and multiplexer test mode
selection. This register can be accessed only in Setup mode (nSLEEP = L and bit 16 data = H).
Table 4. Extended Setup Register (EX-setup) Bit Assignment
BIT NO.
NAME
DEFAULT
DESCRIPTION
0
Signal select 0
0
Signal selector monitored on LOGIC_OUT
DC-DC OCP detection,
1
Signal select 1
0
DC-DC voltage supervisor (OVP or UVP),
2
Signal select 2
0
Motor overcurrent (four H-bridges),
TSD, etc. [shutdown (protection) signals must be latched]
3
Signal select 3
0
4
Ignore SD 0
0
0 = Normal operation, 1 = Ignore DC-DC OCP
5
Ignore SD 1
0
0 = Normal operation, 1 = Ignore DC-DC voltage supervisor
6
Ignore SD 2
0
0 = Normal operation, 1 = Ignore motor OCP
7
Ignore SD 3
0
0 = Normal operation, 1 = Ignore thermal shutdown
0 = Normal operation
1 = Disable nORT assertion but shut down DC-DC Ch-C, in case of DC-DC Ch-C
Disable nORT 0
fault condition
8
(selective shutdown for
0
Ch-C shutdown is released by nSLEEP rise edge. If fault condition is on the other
DC-DC Ch-C)
channels (with bit = 0), assert nORT and shut down all three DC-DC channels.
This bit is ignored when DCDC_MODE = H or open
0 = Normal operation
Disable nORT 1
1 = Disable nORT assertion but shut down DC-DC channel B, in case of DC-DC
9
(Selective shutdown for
0
Ch-B fault condition
DC-DC Ch-B)
Ch-B shutdown is released by nSLEEP rise edge. If fault condition on the other
channels (with bit = 0), assert nORT and shut down all three DC-DC channels.
0 = Normal operation, 1 = Disable nORT assertion but shutdown the DC-DC
Disable nORT 2
Ch-A, in case of DC-DC Ch-A fault condition.
10
(Selective shutdown for
0
Ch-A shutdown is released by nSLEEP rise edge. If fault condition on the other
DC-DC Ch-A)
channels (with bit is 0), assert nORT and shut down all three DC-DC channels .
11
Pre TSD 0
0
0 = Ttsd0 = Ttsd - 20°C, 1 = Ttsd1= Ttsd - 30°C
12
Pre TSD 1
0
0 = Pre-TSD (logic) output, 1 = TH_OUT Analog output
13
Test mux 0
0
Test mode selection, < 2,1,0 > = (0,0,0) Normal operation
14
Test mux 1
0
(0,0,1) TSD control – 1,
(0,1,0) TSD control – 2, (0,1,1) OSC monitor enable,
15
Test mux 2
0
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV8809 DRV8810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com