Electronic Components Datasheet Search
  English  ▼

X  

DRV8809PAP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8809PAP
Description  COMBINATION MOTOR DRIVERS WITH DC-DC CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8809PAP Datasheet(HTML) 2 Page - Texas Instruments

  DRV8809PAP Datasheet HTML 1Page - Texas Instruments DRV8809PAP Datasheet HTML 2Page - Texas Instruments DRV8809PAP Datasheet HTML 3Page - Texas Instruments DRV8809PAP Datasheet HTML 4Page - Texas Instruments DRV8809PAP Datasheet HTML 5Page - Texas Instruments DRV8809PAP Datasheet HTML 6Page - Texas Instruments DRV8809PAP Datasheet HTML 7Page - Texas Instruments DRV8809PAP Datasheet HTML 8Page - Texas Instruments DRV8809PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Voltage
charge
pump
Thermal
Shut down
Temperature
Sens :
Pre-TSD or
Tsens (analog)
Freq divider
for DC/DC
Freq divider
Motor PWM
DC/DC
convertor
Ch-A
DC/DC
convertor
Ch-B
DC/DC
convertor
Ch-C
Vout 1
Vout 2
Vout 3
LOGIC_OUT
FBB
OD_B
FBA
OD_A
FBC
OD_C
OSCM_mon
LGND
OUTA+
RSA
OUTA-
OUTB+
RSB
OUTB-
OUTC+
RSC
OUTC-
OUTD+
RSD
OUTD-
To Highside
gate drive
Cstorage
TH_OUT
C_SELECT
DC
Motor
Motor Drive
Output
Control C
VM
Motor Drive
Output
Control D
DC
Motor
VM
Stepper
Motor
Motor Drive
Output
Control A
Motor Drive
Output
Control B
VM
VM
CLK_AB
nORT
PHASE_SD PHASE_SC
MGND
MGND
To
H-bridges
VM
ENABLE_SC
nSLEEP
VREF_AB
VREF_CD
DATA_AB
STROBE_AB
NC
ENABLE_SD
VM
Regulator
Internal
supply
OSCi
6.4MHz
Setup / ex-setup
registers
Cbkt
Pre-Drive, Latch
Registers &
control circuitry
Serial Interface C-D
Serial Interface A-B
DCDC_MODE
OSCD_mon
Voltage
Supervisory
To
DC/DC
VDIN
In-Reset
0.1uF
0.01uF
Pin # 61
Data_AB
Data_AB
Data_AB
(NC)
(NC)
PHASE_SB
Data_AB
(NC)
Pin # 60
CLK_CD
PHASE_LCD
PHASE_SC
PHASE_SC
PHASE_LCD
PHASE_SC
CLK_CD
(NC)
Pin # 59
Data_CD
(NC)
PHASE_SD
PHASE_SD
(NC)
PHASE_SD
Data_CD
(NC)
Pin # 51
STROBE_CD
ENABLE_LCD
ENABLE_SC
ENABLE_SC
ENABLE_LCD
ENABLE_SC
STROBE_CD
(NC)
Pin # 62
CLK_AB
CLK_AB
CLK_AB
PHASE_LAB
PHASE_LAB
PHASE_SA
CLK_AB
PHASE_UL
Pin # 55
STROBE_AB
STROBE_AB
STROBE_AB
ENABLE_LAB
ENABLE_LAB
ENABLE_SA
STROBE_AB
ENABLE_UL
Pin # 54
(NC)
(NC)
(NC)
(NC)
(NC)
ENABLE_SB
(NC)
(NC)
Pin # 50
(NC)
(NC)
ENABLE_SD
ENABLE_SD
(NC)
ENABLE_SD
(NC)
(NC)
MTR Config ;
Stepper x 2
Stepper + LDC
Step + SDCx2
LDC + SDCx2
LDC x 2
SDC x 4
Large Stepper
Ultra Large DC
VM
VCP
CP1
CP2
DRV8809
DRV8810
SLVS854A – JULY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com
BLOCK DIAGRAM
(One Stepper Motor and Two DC Motor Drives)
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV8809 DRV8810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com