Electronic Components Datasheet Search
  English  ▼

X  

ISO15 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15 Datasheet(HTML) 4 Page - Texas Instruments

  ISO15 Datasheet HTML 1Page - Texas Instruments ISO15 Datasheet HTML 2Page - Texas Instruments ISO15 Datasheet HTML 3Page - Texas Instruments ISO15 Datasheet HTML 4Page - Texas Instruments ISO15 Datasheet HTML 5Page - Texas Instruments ISO15 Datasheet HTML 6Page - Texas Instruments ISO15 Datasheet HTML 7Page - Texas Instruments ISO15 Datasheet HTML 8Page - Texas Instruments ISO15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
RECEIVER ELECTRICAL CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
ISO15
ISO35
SLOS580B – MAY 2008 – REVISED JULY 2008................................................................................................................................................................ www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(+)
Positive-going input threshold voltage
IO = –8 mA
–20
mV
VIT(–)
Negative-going input threshold voltage
IO = 8 mA
–200
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
50
mV
IO = –8 mA
2.4
VO
Output voltage
VID = 200 mV, See Figure 7
V
IO = 8 mA
0.4
IO(Z)
High-impedance state output current
VI = –7 to 12 V, Other input = 0 V
–1
1
µA
VA or VB = 12 V
0.05
0.1
VA or VB = 12 V, VCC = 0
0.05
0.1
IA or IB Bus input current
Other input at 0 V
mA
VA or VB = –7 V
–0.1
–0.04
VA or VB = –7 V, VCC = 0
–0.1
–0.03
IIH
High-level input current, RE
VIH = 2 V
–10
µA
IIL
Low-level input current, RE
VIL = 0.8 V
–10
µA
RID
Differential input resistance
A, B
48
k
CD
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5V, DE at 0 V
16
pF
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO15
100
tPLH, tPHL Propagation delay
ns
ISO35
100
ISO15
13
tsk(p)
Pulse skew (|tPHL – tPLH|)
See Figure 8
ns
ISO35
13
tr
Output signal rise time
2
4
ns
tf
Output signal fall time
2
4
tPZH,
Propagation delay, high-impedance-to-high-level output
13
25
ns
tPZL
Propagation delay, standby-to-low-level output
DE at 0 V, See Figure 9
and Figure 10
tPHZ,
Propagation delay, high-level-to-high-impedance output
13
25
ns
tPLZ
Propagation delay, low-level to high-impedance output
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com