Electronic Components Datasheet Search
  English  ▼

X  

ISO15 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO15 Datasheet HTML 4Page - Texas Instruments ISO15 Datasheet HTML 5Page - Texas Instruments ISO15 Datasheet HTML 6Page - Texas Instruments ISO15 Datasheet HTML 7Page - Texas Instruments ISO15 Datasheet HTML 8Page - Texas Instruments ISO15 Datasheet HTML 9Page - Texas Instruments ISO15 Datasheet HTML 10Page - Texas Instruments ISO15 Datasheet HTML 11Page - Texas Instruments ISO15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
D
R
DE
VCC1
RE
54 W
GND1
VTEST
GND2
VCC2
V
orV
OH
OL
C=0.1 F±1%
m
1kW
C =15pF
L
(includesprobeand
jigcapacitance)
V
orV
OH
OL
GND1
S1
2V
0.8V
C=0.1 F
±1%
m
V
orV
OH
OL
D
R
DE
VCC1
1kW
RE
54 W
GND1
V TEST
Y
Z
GND1
S 1
B
A
C=0.1 F±1%
m
C =15pF
L
(includesprobeand
jigcapacitance)
C=0.1 F
±1%
m
VCC2
2V
0.8V
GND2
54 W
1.5Vor0V
0Vor1.5V
V
orV
OH
OL
ISO15
ISO35
SLOS580B – MAY 2008 – REVISED JULY 2008................................................................................................................................................................ www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 12. Half-Duplex Common-Mode Transient Immunity Test Circuit
Figure 13. Full-Duplex Common-Mode Transient Immunity Test Circuit
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com