Electronic Components Datasheet Search
  English  ▼

X  

AD5044 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5044
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5044 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5044 Datasheet HTML 14Page - Analog Devices AD5044 Datasheet HTML 15Page - Analog Devices AD5044 Datasheet HTML 16Page - Analog Devices AD5044 Datasheet HTML 17Page - Analog Devices AD5044 Datasheet HTML 18Page - Analog Devices AD5044 Datasheet HTML 19Page - Analog Devices AD5044 Datasheet HTML 20Page - Analog Devices AD5044 Datasheet HTML 21Page - Analog Devices AD5044 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5024/AD5044/AD5064
Rev. 0 | Page 18 of 28
THEORY OF OPERATION
DAC SECTION
The AD5024/AD5044/AD5064 are single 12-/14-/16-bit, serial
input, voltage output DACs. The parts operate from supply voltages
of 4.5 V to 5.5 V. Data is written to the AD5024/AD5044/AD5064
in a 32-bit word format via a 3-wire serial interface. The AD5024/
AD5044/AD5064 incorporate a power-on reset circuit that ensures
that the DAC output powers up to a known output state. The
devices also have a software power-down mode that reduces the
typical current consumption to less than 2 μA.
Because the input coding to the DAC is straight binary, the ideal
output voltage when using an external reference is given by
⎟
⎠
⎞
⎜
⎝
⎛
×
=
N
REFIN
OUT
D
V
V
2
where:
D is the decimal equivalent of the binary code that is loaded to
the DAC register (0 to 65,535 for the 16-bit AD5064).
N is the DAC resolution.
DAC ARCHITECTURE
The DAC architecture of the AD5064 consists of two matched
DAC sections. A simplified circuit diagram is shown in Figure 42.
The four MSBs of the 16-bit data word are decoded to drive 15
switches, E1 to E15. Each of these switches connects one of 15
matched resistors to either GND or the VREF buffer output. The
remaining 12 bits of the data-word drive the S0 to S11 switches
of a 12-bit voltage mode R-2R ladder network.
2R
S0
VREF
2R
S1
2R
S11
2R
E1
2R
E2
2R
E15
2R
VOUT
12-BIT R-2R LADDER
FOUR MSBs DECODED INTO
15 EQUAL SEGMENTS
Figure 42. DAC Ladder Structure
REFERENCE BUFFER
The AD5024/AD5044/AD5064 operate with an external reference.
Each DAC has a dedicated voltage reference pin. The reference
input pin has an input range of 2.5 V to VDD. This input voltage
is then used to provide a buffered reference for the DAC core.
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages
on its output, which gives an output range of 0 V to VDD. The
amplifier is capable of driving a load of 5 kΩ in parallel with
200 pF to GND. The slew rate is 1.5 V/μs with a ¼ to ¾ scale
settling time of 13 μs.
SERIAL INTERFACE
The AD5024/AD5044/AD5064 have a 3-wire serial interface
(SYNC, SCLK, and DIN) that is compatible with SPI, QSPI,
and MICROWIRE interface standards as well as most DSPs. See
for a timing diagram of a typical write sequence.
Figure 2
STANDALONE MODE
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 32-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 50 MHz, making the AD5024/AD5044/AD5064 compatible
with high speed DSPs. On the 32nd falling clock edge, the last
data bit is clocked in and the programmed function is executed,
that is, a change in DAC register contents and/or a change in
the mode of operation. At this stage, the SYNC line can be kept
low or be brought high. In either case, it must be brought high
for a minimum of 1.9 μs (single channel) before the next write
sequence so that a falling edge of SYNC can initiate the next
write sequence. Because the SYNC buffer draws more current
when VIN = 2.2 V than it does when VIN = 0.8 V, SYNC should
be idled low between write sequences for even lower power
operation of the part. As mentioned previously, however, SYNC
must be brought high again just before the next write sequence.
Table 7. Command Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
Write to Input Register n
0
0
0
1
Update DAC Register n
0
0
1
0
Write to Input Register n, update all
(software LDAC)
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Load clear code register
0
1
1
0
Load LDAC register
0
1
1
1
Reset (power-on reset)
1
0
0
0
Reserved
1
0
0
1
Reserved
1
1
1
1
Reserved
Table 8. Address Commands
Address (n)
Selected DAC
Channel
A3
A2
A1
A0
0
0
0
0
DAC A
0
0
0
1
DAC B
0
0
1
0
DAC C
0
0
1
1
DAC D
1
1
1
1
All DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com