Electronic Components Datasheet Search
  English  ▼

X  

AD5064 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5064
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5064 Datasheet HTML 16Page - Analog Devices AD5064 Datasheet HTML 17Page - Analog Devices AD5064 Datasheet HTML 18Page - Analog Devices AD5064 Datasheet HTML 19Page - Analog Devices AD5064 Datasheet HTML 20Page - Analog Devices AD5064 Datasheet HTML 21Page - Analog Devices AD5064 Datasheet HTML 22Page - Analog Devices AD5064 Datasheet HTML 23Page - Analog Devices AD5064 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5024/AD5044/AD5064
Rev. 0 | Page 20 of 28
POWER-ON RESET
The AD5024/AD5044/AD5064 contains a power-on reset
circuit that controls the output voltage during power-up. By
connecting the POR pin low, the AD5024/AD5044/AD5064
output powers up to zero scale. Note that this is outside the
linear region of the DAC; by connecting the POR pin high, the
AD5024/AD5044/AD5064 output powers up to midscale. The
output remains powered up at this level until a valid write
sequence is made to the DAC. This is useful in applications
where it is important to know the state of the output of the
DAC while it is in the process of powering up. There is also a
software executable reset function that resets the DAC to the
power-on reset code. Command 0111 is designated for this
reset function (see Table 7). Any events on LDAC or CLR
during power-on reset are ignored.
POWER-DOWN MODES
The AD5024/AD5044/AD5064 contain four separate modes of
operation. Command 0100 is designated for the power-down
function (see Table 7). These modes are software-programmable
by setting two bits, Bit DB9 and Bit DB8, in the control register
(Table 9). Table 9 shows how the state of the bits corresponds to
the mode of operation of the device. Any or all DACs (DAC D
to DAC A) can be powered down to the selected mode by
setting the corresponding four bits (DB3, DB2, DB1, DB0) to 1.
See Table 10 for the contents of the input shift register during
power-down/power-up operation.
When both Bit DB9 and Bit D8 in the control register are set to
0, the part works normally with its normal power consumption
of 3 mA at 5 V. However, for the three power-down modes, the
supply current falls to 0.4 μA at 5 V. Not only does the supply
current fall, but the output stage is also internally switched from
the output of the amplifier to a resistor network of known values.
This has the advantage that the output impedance of the part is
known while the part is in power-down mode. There are three
different options. The output is connected internally to GND
through either a 1 kΩ or a 100 kΩ resistor, or it is left open-
circuited (three-state). The output stage is illustrated in Figure 47.
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when the power-down
mode is activated. However, the contents of the DAC register are
unaffected when in power-down. The time to exit power-down
is typically 4.5 μs for VDD = 5 V (see Figure 26).
Table 9. Modes of Operation
DB9
DB8
Operating Mode
0
0
Normal operation
Power-down modes:
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
Table 10. 32-Bit Input Shift Register Contents for Power-Up/Power-Down Function
MSB
LSB
DB31
to
DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB10
to
DB19
DB9
DB8
DB4
to
DB7
DB3
DB2
DB1
DB0
X
0
1
0
0
X
X
X
X
X
PD1
PD0
X
DAC D
DAC C
DAC B
DAC A
Don’t
cares
Command bits (C2 to C0)
Address bits (A3 to A0)—
don’t cares
Don’t
cares
Power-
down mode
Don’t
cares
Power-down/power-up channel
selection—set bit to 1 to select
RESISTOR
NETWORK
VOUT
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 47. Output Stage During Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com