Electronic Components Datasheet Search
  English  ▼

X  

AD5064 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5064
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064 Datasheet(HTML) 3 Page - Analog Devices

  AD5064 Datasheet HTML 1Page - Analog Devices AD5064 Datasheet HTML 2Page - Analog Devices AD5064 Datasheet HTML 3Page - Analog Devices AD5064 Datasheet HTML 4Page - Analog Devices AD5064 Datasheet HTML 5Page - Analog Devices AD5064 Datasheet HTML 6Page - Analog Devices AD5064 Datasheet HTML 7Page - Analog Devices AD5064 Datasheet HTML 8Page - Analog Devices AD5064 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5024/AD5044/AD5064
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 4.5 V to 5.5 V, RL = 5 kΩ to GND, CL = 200 pF to GND, 2.5 V ≤ VREFIN ≤ VDD, unless otherwise specified. All specifications TMIN to
TMAX, unless otherwise noted.
Table 2.
Parameter
B Grade1
A Grade1, 2
Unit
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
STATIC PERFORMANCE3
Resolution
16
16
Bits
AD5064
14
AD5044
12
AD5024
Relative Accuracy
±0.5
±1
±0.5
±4
LSB
AD5064; TA = −40°C to +105°C
+0.5
±2
±0.5
±4
AD5064; TA = −40°C to +125°C
±0.25
±0.5
LSB
AD5044; TA = −40°C to +105°C
±0.25
±1
AD5044; TA = −40°C to +125°C
±0.12
±0.25
LSB
AD5024; TA = −40°C to +105°C
±0.12
±0.5
AD5024; TA = −40°C to +125°C
Differential Nonlinearity
±0.2
±1
±0.2
±1
LSB
Offset Error
±0.2
±1.8
±0.2
±1.8
mV
Code 512 (AD5064), Code 128 (AD5044),
Code 32 (AD5024) loaded to DAC register
Offset Error Drift4
±2
±2
μV/°C
Full-Scale Error
±0.01
±0.07
±0.01
±0.07
% FSR
All 1s loaded to DAC register. VREF
< VDD
Gain Error
±0.005
±0.05
±0.005
±0.05
% FSR
Gain Temperature Coefficient4
±1
±1
ppm
Of FSR/°C
DC Crosstalk
40
40
μV
Due to single channel full-scale output
change, RL = 5 kΩ to GND or VDD
40
40
μV/mA
Due to load current change
0.5
40
μV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS4
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
1
1
nF
RL = 5 kΩ, RL =100 kΩ, and RL = ∞
DC Output Impedance
Normal Mode
0.5
0.5
Ω
Power-Down Mode
Output Connected to
100 kΩ Network
100
100
kΩ
Output impedance tolerance ± 400 Ω
Output Connected to
1 kΩ Network
1
1
kΩ
Output impedance tolerance ± 20 Ω
Short-Circuit Current
60
60
mA
DAC = full scale, output shorted to GND
45
45
mA
DAC = zero-scale, output shorted to VDD
Power-Up Time
4.5
4.5
μs
Time to exit power-down mode to normal
mode of AD5024/AD5044/AD5064, 32nd
clock edge to 90% of DAC midscale value,
output unloaded
DC PSRR
−92
−92
dB
VDD ± 10%, DAC = full scale. VREF
< VDD
REFERENCE INPUTS
Reference Input Range
2.5
VDD
2.5
VDD
V
Reference Current
35
50
35
50
μA
Per DAC channel
Reference Input Impedance
120
120
kΩ
Individual reference option
LOGIC INPUTS
Input Current5
±1
±1
μA
Input Low Voltage, VINL
0.8
0.8
V
Input High Voltage, VINH
2.2
2.2
V
Pin Capacitance4
4
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com