Electronic Components Datasheet Search
  English  ▼

X  

AD5064 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5064
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5064 Datasheet HTML 20Page - Analog Devices AD5064 Datasheet HTML 21Page - Analog Devices AD5064 Datasheet HTML 22Page - Analog Devices AD5064 Datasheet HTML 23Page - Analog Devices AD5064 Datasheet HTML 24Page - Analog Devices AD5064 Datasheet HTML 25Page - Analog Devices AD5064 Datasheet HTML 26Page - Analog Devices AD5064 Datasheet HTML 27Page - Analog Devices AD5064 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5024/AD5044/AD5064
Rev. 0 | Page 25 of 28
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 55. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Accuracy
Resolution
Package Description
Package Option
AD5064BRUZ1
−40°C to +105°C
±1 LSB INL
16 Bits
16-Lead TSSOP
RU-16
AD5064BRUZ-REEL71
−40°C to +105°C
±1 LSB INL
16 Bits
16-Lead TSSOP
RU-16
AD5044BRUZ1
−40°C to +105°C
±1 LSB INL
14 Bits
16-Lead TSSOP
RU-16
AD5044BRUZ-REEL71
−40°C to +105°C
±1 LSB INL
14 Bits
16-Lead TSSOP
RU-16
AD5024BRUZ1
−40°C to +105°C
±1 LSB INL
12 Bits
16-Lead TSSOP
RU-16
AD5024BRUZ-REEL71
−40°C to +105°C
±1 LSB INL
12 Bits
16-Lead TSSOP
RU-16
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com