Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8260 Datasheet HTML 3Page - Analog Devices AD8260 Datasheet HTML 4Page - Analog Devices AD8260 Datasheet HTML 5Page - Analog Devices AD8260 Datasheet HTML 6Page - Analog Devices AD8260 Datasheet HTML 7Page - Analog Devices AD8260 Datasheet HTML 8Page - Analog Devices AD8260 Datasheet HTML 9Page - Analog Devices AD8260 Datasheet HTML 10Page - Analog Devices AD8260 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD8260
Rev. 0 | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
8
7
6
5
1
4
3
2
29
30
31
32
28
25
26
27
20
17
18
19
21
22
23
24
VPSR
FDBK
PRAI
VMDO
VPOS
VPOS
TXOP
TXOP
14
13
912
11
10
15 16
PIN 1
INDICATOR
AD8260
TOP VIEW
(Not to Scale)
VMDO
TXEN
VMDI
VNCM
VPSB
ENBL
VGAP
VGAN
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 191
VMDO
VMID Buffer Output. Requires robust ac decoupling with a capacitance of 0.1 μF capacitor or greater.
2
TXEN
Driver Enable. Logic threshold = 1.1 V with ±0.2 V hysteresis.
3
VMDI
VMID Input Voltage. Normally decoupled with a 0.1 μF capacitor. When pulled to VNCM, the VMID buffer shuts
down. This can be useful when using the part with dual supplies or when an external midpoint generator is used.
4
VNCM
Negative Supply for Bias Cell, VMID Cell, and Logic Inputs. (Ground this pin in applications.)
5
VPSB
Positive Supply for Bias Cell and VMID Cell.
6
ENBL
Enable. Logic threshold = 1.1 V. When low, the AD8260 is disabled and the supply current is 35 μA when TXEN
and all GNSx pins are also low.
7
VGAP
Positive VGA Output (Needs to Be Ac-Coupled for Single Supply).
8
VGAN
Negative VGA Output (Needs to Be Ac-Coupled for Single Supply).
9, 161
VNGR
Negative Supply for Preamplifier and DGA (Set to −VPOS for Dual Supply; GND for Single Supply).
10, 201
VPSR
Positive Supply for Preamplifier, DGA, and GNSx Logic Decoder.
11
GNS3
MSB for Gain Control. Logic threshold = 1.1 V.
12
GNS2
Gain Control Bit. Logic threshold = 1.1 V.
13
GNS1
Gain Control Bit. Logic threshold = 1.1 V.
14
GNS0
LSB for Gain Control. Logic threshold = 1.1 V.
15
PRAO
Preamplifier Output.
17
FDBK
Negative Input of Preamplifier.
18
PRAI
Positive Input of Preamplifier.
21, 221
VPOS
Positive Supply for Driver Amplifier.
23, 241
TXOP
Driver Output.
25, 261
VNEG
Negative Supply for Driver Amplifier (Set to −VPOS for Dual Supply; GND for Single Supply).
27
TXFB
Feedback for Driver Amplifier.
28
INPN
Negative Driver Amplifier Input.
29
INRN
Negative Gain Resistor Input for Driver Amplifier.
30
INRP
Positive Gain Resistor Input for Driver Amplifier.
31
INPP
Positive Driver Amplifier Input.
32
VOCM
Output Common Mode Pin. Normally connected to Pin VMDO.
1 Pins with the same name are connected internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com