Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8260 Datasheet HTML 11Page - Analog Devices AD8260 Datasheet HTML 12Page - Analog Devices AD8260 Datasheet HTML 13Page - Analog Devices AD8260 Datasheet HTML 14Page - Analog Devices AD8260 Datasheet HTML 15Page - Analog Devices AD8260 Datasheet HTML 16Page - Analog Devices AD8260 Datasheet HTML 17Page - Analog Devices AD8260 Datasheet HTML 18Page - Analog Devices AD8260 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD8260
Rev. 0 | Page 15 of 32
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–3
–2
–1
0123456
78
TIME (ns)
VS = +3V, +5V, AND ±5V
Figure 45. Large-Signal Pulse Response for Various Values of Supply Voltage
for the VGA/Preamplifier
CH1 1.00VΩ CH2 20.0mVΩ
MATH
100mV
200nV
CH2 20.0mVΩ
M200ns
A CH1
760mV
1
M
4
T
595.200ns
CH1 AMPL
3.28V
CH2 AMPL
1.20mV
MATH AMPL
117mV
T
Figure 46. Gain Response for the VGA/Preamplifier, Yellow: Gain Code Select,
Red: VGA Differential Output, Blue/Green: VGAP and VGAN
0
1
TIME (ns)
800
700
600
–1
–200
100
0
300
–100
200
500
400
–2
2
Figure 47. Overdrive Recovery of the VGA/Preamplifier—Gain Code = 1011
FREQUENCY (Hz)
1M
100k
5M
–10
–20
–30
–40
–50
–60
–70
–SUPPLY HIGH CURRENT DRIVER
+SUPPLY HIGH CURRENT DRIVER
+SUPPLY VGA/PREAMPLIFIER
–SUPPLY VGA PREAMPLIFIER
VS = ±3.3V
GAIN CODE = 1011
Figure 48. PSRR vs. Frequency for Dual Supplies for the High Current Driver
and the VGA/Preamplifier
0
40
30
–55
10
TEMPERATURE (
°C)
525
45
20
65
85
105
125
–15
–35
5
15
35
25
FULLY ENABLED
VGA/PREAMPLIFIER ENABLED
HIGH CURRENT DRIVER ENABLED
Figure 49. Quiescent Supply Current vs. Temperature for Three Operating States
–55
–35
–15
TEMPERATURE (°C)
5
25
45
65
85
105
125
80
70
60
50
40
30
20
10
0
Figure 50. Standby Quiescent Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com