Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8260 Datasheet HTML 6Page - Analog Devices AD8260 Datasheet HTML 7Page - Analog Devices AD8260 Datasheet HTML 8Page - Analog Devices AD8260 Datasheet HTML 9Page - Analog Devices AD8260 Datasheet HTML 10Page - Analog Devices AD8260 Datasheet HTML 11Page - Analog Devices AD8260 Datasheet HTML 12Page - Analog Devices AD8260 Datasheet HTML 13Page - Analog Devices AD8260 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD8260
Rev. 0 | Page 10 of 32
–80
FREQUENCY (MHz)
24
22
18
210
06
12
420
16
14
0
8
–60
–40
–90
–70
–20
–50
–30
–10
Figure 15. Missing Tone Power Ratio for the High Current Driver
0
0.15
–0.15
0 .05
0.10
TIME (ns)
80
70
60
–0.05
–0.10
–20
10
–30
0
30
–10
20
50
40
–0.20
0.20
RLOAD = 10Ω
RLOAD = 50Ω
RLOAD = 100Ω
RLOAD = 500Ω
CLOAD = 5pF
NONINVERTING
Figure 16. Small-Signal Pulse Response of the High Current Driver for Various
Values of Load Resistance, RLOAD—See Figure 56
0
0.15
–0.15
0.05
0.10
TIME (ns)
80
70
60
–0.05
–0.10
–20
10
–30
0
30
–10
20
50
40
–0.20
0.20
CLOAD = 5pF
CLOAD = 47pF
CLOAD = 10pF
RLOAD = 500Ω
NONINVERTING
Figure 17. Small-Signal Pulse Response of the High Current Driver for Various
Values of Load Capacitance, CLOAD, and RLOAD = 500 Ω—See Figure 56
0
0.15
–0.15
0.05
0.10
TIME (ns)
80
70
60
–0.05
–0.10
–20
10
–30
0
30
–10
20
50
40
–0.20
0.20
CLOAD = 5pF
CLOAD = 47pF
CLOAD = 10pF
RLOAD = 50Ω
NONINVERTING
Figure 18. Small-Signal Pulse Response of the High Current Driver for Various
Values of Load Capacitance, CLOAD, and 50 Ω Load—See Figure 56
TIME (ns)
80
70
60
20
10
30
0
30
10
20
50
40
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
RLOAD =10Ω
RLOAD = 50Ω
RLOAD =100Ω
RLOAD = 500Ω
CLOAD =5pF
NONINVERTING
Figure 19. Large-Signal Pulse Response of the High Current Driver for Various
Values of Load Resistance, RLOAD—See Figure 56
0
1.5
–1.5
0.5
1.0
TIME (ns)
80
70
60
–0.5
–1.0
–20
10
–30
0
30
–10
20
50
40
–2.0
2.0
CLOAD = 5pF
CLOAD = 47pF
CLOAD = 10pF
RLOAD = 500Ω
NONINVERTING
Figure 20. Large-Signal Pulse Response of the High Current Driver for Various
Values of Load Capacitance, CLOAD, and RLOAD = 500 Ω—See Figure 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com