Electronic Components Datasheet Search
  English  ▼

X  

520C Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 520C
Description  Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  520C Datasheet HTML 1Page - Cornell Dubilier Electronics 520C Datasheet HTML 2Page - Cornell Dubilier Electronics 520C Datasheet HTML 3Page - Cornell Dubilier Electronics 520C Datasheet HTML 4Page - Cornell Dubilier Electronics 520C Datasheet HTML 5Page - Cornell Dubilier Electronics 520C Datasheet HTML 6Page - Cornell Dubilier Electronics 520C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 520C 85 °C Long-life, Inverter Grade, Aluminum
Ratings
RoHS Compliant
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
200 Vdc (250 Vdc Surge)
39000 520C393T200FG2D
8.3
37.2
3.5 x 8 5/8
430
520C431T200AK2B
216.0
2.4
1 3/8 x 1 5/8
250 Vdc (300 Vdc Surge)
780
520C781T200AA2B
147.0
3.2
1 3/8 x 2 1/8
290
520C291T250AK2B
273.0
2.1
1 3/8 x 1 5/8
950
520C951T200AH2B
106.0
4.0
1 3/8 x 2 5/8
530
520C531T250AA2B
164.0
3.0
1 3/8 x 2 1/8
1300
520C132T200AB2B
82.4
4.9
1 3/8 x 3 1/8
640
520C641T250AH2B
125.0
3.7
1 3/8 x 2 5/8
1300
520C132T200EA2B
83.1
4.9
1 3/4 x 2 1/8
880
520C881T250AB2B
91.9
4.6
1 3/8 x 3 1/8
1400
520C142T200BA2B
86.1
5.2
2 x 2 1/8
880
520C881T250EA2B
104.0
4.4
1 3/4 x 2 1/8
1600
520C162T200AJ2B
67.1
5.7
1 3/8 x 3 5/8
940
520C941T250BA2B
99.3
4.9
2 x 2 1/8
1600
520C162T200EH2B
65.7
5.9
1 3/4 x 2 5/8
1100
520C112T250AJ2B
72.9
5.5
1 3/8 x 3 5/8
2000
520C202T200AC2B
54.2
6.6
1 3/8 x 4 1/8
1100
520C112T250EH2B
87.0
5.2
1 3/4 x 2 5/8
2000
520C202T200BH2B
64.1
6.5
2 x 2 5/8
1300
520C132T250AC2B
60.6
6.3
1 3/8 x 4 1/8
2200
520C222T200EB2B
50.8
7.2
1 3/4 x 3 1/8
1400
520C142T250BH2B
69.0
6.3
2 x 2 5/8
2300
520C232T200AD2B
45.4
7.6
1 3/8 x 4 5/8
1500
520C152T250EB2B
64.1
6.4
1 3/4 x 3 1/8
2700
520C272T200AE2B
39.7
8.4
1 3/8 x 5 1/8
1600
520C162T250AD2B
54.1
6.9
1 3/8 x 4 5/8
2700
520C272T200EJ2B
39.8
8.5
1 3/4 x 3 5/8
1800
520C182T250AE2B
46.3
7.8
1 3/8 x 5 1/8
2800
520C282T200BB2B
48.4
8.0
2 x 3 1/8
1900
520C192T250EJ2B
51.0
7.6
1 3/4 x 3 5/8
3000
520C302T200AF2B
35.0
9.3
1 3/8 x 5 5/8
1900
520C192T250BB2B
48.5
8.0
2 x 3 1/8
3200
520C322T200CH2B
44.3
9.0
2 1/2 x 2 5/8
2000
520C202T250AF2B
40.3
8.7
1 3/8 x 5 5/8
3300
520C332T200EC2B
32.9
9.8
1 3/4 x 4 1/8
2100
520C212T250CH2B
54.2
8.2
2 1/2 x 2 5/8
3600
520C362T200BJ2B
38.0
9.5
2 x 3 5/8
2200
520C222T250EC2B
42.4
8.7
1 3/4 x 4 1/8
3900
520C392T200ED2B
28.1
11.1
1 3/4 x 4 5/8
2400
520C242T250BJ2B
40.0
9.2
2 x 3 5/8
4400
520C442T200BC2B
30.0
11.2
2 x 4 1/8
2600
520C262T250ED2B
36.4
9.7
1 3/4 x 4 5/8
4400
520C442T200CB2B
32.8
11.1
2 1/2 x 3 1/8
3000
520C302T250EE2B
32.0
10.8
1 3/4 x 5 1/8
4500
520C452T200EE2B
24.6
12.3
1 3/4 x 5 1/8
3000
520C302T250BC2B
33.0
10.6
2 x 4 1/8
5000
520C502T200EF2B
22.0
13.4
1 3/4 x 5 5/8
3000
520C302T250CB2B
33.6
11.0
2 1/2 x 3 1/8
5200
520C522T200BD2B
25.7
12.5
2 x 4 5/8
3400
520C342T250EF2B
28.6
11.8
1 3/4 x 5 5/8
5700
520C572T200CJ2B
23.4
13.8
2 1/2 x 3 5/8
3500
520C352T250BD2B
28.2
12.0
2 x 4 5/8
6000
520C602T200BE2B
22.8
13.8
2 x 5 1/8
3900
520C392T250CJ2B
26.3
13.0
2 1/2 x 3 5/8
6400
520C642T200DB2B
31.8
12.6
3 x 3 1/8
4100
520C412T250BE2B
24.7
13.2
2 x 5 1/8
6800
520C682T200BF2B
20.6
15.0
2 x 5 5/8
4300
520C432T250DB2B
29.0
13.2
3 x 3 1/8
7000
520C702T200CC2B
21.3
15.1
2 1/2 x 4 1/8
4600
520C462T250BF2B
22.1
14.5
2 x 5 5/8
8200
520C822T200CD2B
18.2
17.0
2 1/2 x 4 5/8
4700
520C472T250CC2B
21.8
15.0
2 1/2 x 4 1/8
8200
520C822T200DJ2B
24.9
15.0
3 x 3 5/8
5600
520C562T250CD2B
18.6
16.8
2 1/2 x 4 5/8
9500
520C952T200CD2B
16.6
18.4
2 1/2 x 5 1/8
5600
520C562T250DJ2B
22.7
15.7
3 x 3 5/8
10000 520C103T200DC2B
20.7
17.1
3 x 4 1/8
6400
520C642T250CD2B
16.3
18.6
2 1/2 x 5 1/8
11000
520C113T200CF2B
14.4
20.4
2 1/2 x 5 5/8
6800
520C682T250DC2B
18.5
18.2
3 x 4 1/8
12000 520C123T200DD2B
17.7
19.2
3 x 4 5/8
7300
520C732T250CF2B
14.5
20.3
2 1/2 x 5 5/8
14000
520C143T200DE2B
18.0
19.7
3 x 5 1/8
8000
520C802T250DD2B
17.1
19.5
3 x 4 5/8
15000
520C153T200FC2D
15.6
21.7
3 1/2 x 4 1/8
9300
520C932T250DE2B
15.0
21.6
3 x 5 1/8
16000
520C163T200DF2B
14.0
23.0
3 x 5 5/8
10000
520C103T250FC2D
20.4
19.0
3 1/2 x 4 1/8
16000
520C163T200DP2B
16.1
21.7
3 x 5 7/8
11000
520C113T250DF2B
12.6
24.3
3 x 5 5/8
17000
520C173T200FD2D
13.3
24.4
3 1/2 x 4 5/8
11000
520C113T250DP2B
12.1
25.1
3 x 5 7/8
20000
520C203T200FE2D
14.1
24.4
3 1/2 x 5 1/8
12000
520C123T250FD2D
18.1
20.9
3 1/2 x 4 5/8
22000 520C223T200DN2D
12.3
27.6
3 x 7 5/8
14000
520C143T250FE2D
15.8
23.0
3 1/2 x 5 1/8
23000
520C233T200FF2D
12.6
26.5
3 1/2 x 5 5/8
15000
520C153T250FF2D
13.9
25.3
3 1/2 x 5 5/8
24000
520C243T200FP2D
12.0
27.5
3 1/2 x 5 7/8
16000 520C163T250DN2B
9.1
32.2
3 x 7 5/8
26000 520C263T200DG2D
10.1
31.0
3 x 8 5/8
16000
520C163T250FP2D
13.5
26.0
3 1/2 x 5 7/8
34000
520C343T200FN2D
9.7
33.6
3 1/2 x 7 5/8
18000 520C183T250DG2D
7.4
36.2
3 x 8 5/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com