Electronic Components Datasheet Search
  English  ▼

X  

520C Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 520C
Description  Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  520C Datasheet HTML 1Page - Cornell Dubilier Electronics 520C Datasheet HTML 2Page - Cornell Dubilier Electronics 520C Datasheet HTML 3Page - Cornell Dubilier Electronics 520C Datasheet HTML 4Page - Cornell Dubilier Electronics 520C Datasheet HTML 5Page - Cornell Dubilier Electronics 520C Datasheet HTML 6Page - Cornell Dubilier Electronics 520C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 520C 85 °C Long-life, Inverter Grade, Aluminum
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
22000
520C223T250FN2D
11.0
31.5
3 1/2 x 7 5/8
14000 520C143T300DG2B
11.3
29.3
3 x 8 5/8
26000 520C263T250FG2D
9.6
34.6
3 1/2 x 8 5/8
17000
520C173T300FN2D
11.5
30.9
3 1/2 x 7 5/8
300 Vdc (350 Vdc Surge)
20000 520C203T300FG2D
9.8
34.2
3 1/2 x 8 5/8
210
520C211T300AK2B
439.0
1.7
1 3/8 x 1 5/8
350 Vdc (400 Vdc Surge)
360
520C361T300AA2B
243.0
2.5
1 3/8 x 2 1/8
190
520C191T350AK2B
636.0
1.4
1 3/8 x 1 5/8
510
520C511T300AH2B
198.0
2.9
1 3/8 x 2 5/8
330
520C331T350AA2B
398.0
1.9
1 3/8 x 2 1/8
530
520C531T300EA2B
146.0
3.7
1 3/4 x 2 1/8
460
520C461T350AH2B
266.0
2.5
1 3/8 x 2 5/8
670
520C671T300AB2B
144.0
3.7
1 3/8 x 3 1/8
480
520C481T350EA2B
185.0
3.3
1 3/4 x 2 1/8
670
520C671T300BA2B
138.0
4.1
2 x 2 1/8
610
520C611T350BA2B
176.0
3.7
2 x 2 1/8
760
520C761T300EH2B
123.0
4.3
1 3/4 x 2 5/8
620
520C621T350AB2B
200.0
3.1
1 3/8 x 3 1/8
840
520C841T300AJ2B
112.0
4.4
1 3/8 x 3 5/8
690
520C691T350EH2B
170.0
3.7
1 3/4 x 2 5/8
960
520C961T300BH2B
108.0
5.0
2 x 2 5/8
770
520C771T350AJ2B
160.0
3.7
1 3/8 x 3 5/8
1000
520C102T300AC2B
94.9
5.0
1 3/8 x 4 1/8
880
520C881T350BH2B
139.0
4.4
2 x 2 5/8
1100
520C112T300EB2B
88.7
5.4
1 3/4 x 3 1/8
920
520C921T350AC2B
134.0
4.2
1 3/8 x 4 1/8
1200
520C122T300AD2B
81.2
5.7
1 3/8 x 4 5/8
970
520C971T350EB2B
131.0
4.5
1 3/4 x 3 1/8
1300
520C132T300AE2B
69.0
6.4
1 3/8 x 5 1/8
1100
520C112T350AD2B
115.0
4.8
1 3/8 x 4 5/8
1300
520C132T300BB2B
71.7
6.6
2 x 3 1/8
1200
520C122T350AE2B
101.0
5.3
1 3/8 x 5 1/8
1400
520C142T300EJ2B
74.7
6.2
1 3/4 x 3 5/8
1200
520C122T350BB2B
107.0
5.4
2 x 3 1/8
1500
520C152T300AF2B
63.4
6.9
1 3/8 x 5 5/8
1300
520C132T350EJ2B
102.0
5.3
1 3/4 x 3 5/8
1600
520C162T300CH2B
59.5
7.8
2 1/2 x 2 5/8
1400
520C142T350AF2B
90.2
5.8
1 3/8 x 5 5/8
1700
520C172T300EC2B
63.6
7.1
1 3/4 x 4 1/8
1500
520C152T350EC2B
83.9
6.2
1 3/4 x 4 1/8
1700
520C172T300BJ2B
58.3
7.7
2 x 3 5/8
1500
520C152T350CH2B
91.3
6.3
2 1/2 x 2 5/8
2000
520C202T300ED2B
51.0
8.2
1 3/4 x 4 5/8
1600
520C162T350BJ2B
83.2
6.4
2 x 3 5/8
2200
520C222T300CB2B
48.8
9.1
2 1/2 x 3 1/8
1800
520C182T350ED2B
71.2
7.0
1 3/4 x 4 5/8
2300
520C232T300EE2B
44.7
9.1
1 3/4 x 5 1/8
2000
520C202T350CB2B
64.0
8.0
2 1/2 x 3 1/8
2400
520C242T300BC2B
48.0
8.8
2 x 4 1/8
2100
520C212T350EE2B
62.0
7.7
1 3/4 x 5 1/8
2500
520C252T300BD2B
40.8
9.9
2 x 4 5/8
2200
520C222T350BC2B
68.4
7.4
2 x 4 1/8
2600
520C262T300EF2B
39.8
10.0
1 3/4 x 5 5/8
2300
520C232T350BD2B
58.1
8.3
2 x 4 5/8
2900
520C292T300BE2B
35.7
11.0
2 x 5 1/8
2400
520C242T350EF2B
55.0
8.5
1 3/4 x 5 5/8
2900
520C292T300CJ2B
40.0
10.6
2 1/2 x 3 5/8
2600
520C262T350BE2B
50.7
9.2
2 x 5 1/8
3300
520C332T300BF2B
31.7
12.1
2 x 5 5/8
2600
520C262T350CJ2B
51.0
9.4
2 1/2 x 3 5/8
3400
520C342T300DB2B
44.9
10.6
3 x 3 1/8
3000
520C302T350BF2B
45.0
10.1
2 x 5 5/8
3500
520C352T300CC2B
31.4
12.5
2 1/2 x 4 1/8
3100
520C312T350DB2B
56.6
9.5
3 x 3 1/8
4100
520C412T300CD2B
26.8
14.0
2 1/2 x 4 5/8
3200
520C322T350CC2B
41.9
10.8
2 1/2 x 4 1/8
4300
520C432T300DJ2B
35.7
12.5
3 x 3 5/8
3800
520C382T350CD2B
35.7
12.1
2 1/2 x 4 5/8
4800
520C482T300CD2B
23.3
15.5
2 1/2 x 5 1/8
4000
520C402T350DJ2B
43.8
11.3
3 x 3 5/8
5300
520C532T300DC2B
27.5
14.9
3 x 4 1/8
4400
520C442T350CD2B
31.1
13.5
2 1/2 x 5 1/8
5400
520C542T300CF2B
20.7
17.0
2 1/2 x 5 5/8
4800
520C482T350DC2B
36.5
12.9
3 x 4 1/8
6300
520C632T300DD2B
24.8
16.3
3 x 4 5/8
4900
520C492T350CF2B
27.6
14.7
2 1/2 x 5 5/8
7200
520C722T300DE2B
21.5
18.0
3 x 5 1/8
5700
520C572T350DD2B
31.0
14.5
3 x 4 5/8
7400
520C742T300FC2D
22.1
18.2
3 1/2 x 4 1/8
6600
520C662T350DE2B
27.1
16.1
3 x 5 1/8
8200
520C822T300DF2B
18.9
19.8
3 x 5 5/8
6800
520C682T350FC2D
31.4
15.3
3 1/2 x 4 1/8
8700
520C872T300DP2B
17.9
20.6
3 x 5 7/8
7500
520C752T350DF2B
24.1
17.5
3 x 5 5/8
8800
520C882T300FD2D
19.1
20.3
3 1/2 x 4 5/8
7900
520C792T350DP2B
22.8
18.3
3 x 5 7/8
10000
520C103T300FE2D
16.8
22.3
3 1/2 x 5 1/8
8000
520C802T350FD2D
27.0
17.1
3 1/2 x 4 5/8
11000
520C113T300FF2D
15.0
24.4
3 1/2 x 5 5/8
9200
520C922T350FE2D
23.6
18.9
3 1/2 x 5 1/8
12000 520C123T300DN2B
13.8
26.1
3 x 7 5/8
10000
520C103T350FF2D
21.0
20.6
3 1/2 x 5 5/8
12000
520C123T300FP2D
14.2
25.3
3 1/2 x 5 7/8
10000
520C103T350FF2D
21.0
20.6
3 1/2 x 5 5/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com