Electronic Components Datasheet Search
  English  ▼

X  

520C Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 520C
Description  Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  520C Datasheet HTML 1Page - Cornell Dubilier Electronics 520C Datasheet HTML 2Page - Cornell Dubilier Electronics 520C Datasheet HTML 3Page - Cornell Dubilier Electronics 520C Datasheet HTML 4Page - Cornell Dubilier Electronics 520C Datasheet HTML 5Page - Cornell Dubilier Electronics 520C Datasheet HTML 6Page - Cornell Dubilier Electronics 520C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 520C 85 °C Long-life, Inverter Grade, Aluminum
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
11000
520C113T350FP2D
19.9
21.4
3 1/2 x 5 7/8
8400
520C842T400DN2B
19.1
22.2
3 x 7 5/8
13000 520C133T350DG2B
14.9
25.5
3 x 8 5/8
8500
520C852T400FP2D
21.1
20.8
3 1/2 x 5 7/8
15000
520C153T350FN2D
15.7
26.7
3 1/2 x 7 5/8
9800
520C982T400DG2B
15.8
24.8
3 x 8 5/8
18000 520C183T350FG2D
13.0
29.7
3 1/2 x 8 5/8
12000
520C123T400FN2D
16.6
25.9
3 1/2 x 7 5/8
400 Vdc (450 Vdc Surge)
14000 520C143T400FG2D
13.8
28.8
3 1/2 x 8 5/8
150
520C151T400AK2B
685.0
1.3
1 3/8 x 1 5/8
450 Vdc (500 Vdc Surge)
250
520C251T400AA2B
429.0
1.9
1 3/8 x 2 1/8
120
520C121T450AK2B
831.0
1.2
1 3/8 x 1 5/8
350
520C351T400AH2B
286.0
2.5
1 3/8 x 2 5/8
210
520C211T450AA2B
460.0
1.8
1 3/8 x 2 1/8
370
520C371T400EA2B
199.0
3.2
1 3/4 x 2 1/8
290
520C291T450AH2B
344.0
2.2
1 3/8 x 2 5/8
470
520C471T400AB2B
215.0
3.0
1 3/8 x 3 1/8
300
520C301T450EA2B
347.0
2.4
1 3/4 x 2 1/8
470
520C471T400BA2B
188.0
3.5
2 x 2 1/8
390
520C391T450AB2B
258.0
2.8
1 3/8 x 3 1/8
530
520C531T400EH2B
182.0
3.6
1 3/4 x 2 5/8
390
520C391T450BA2B
240.0
3.1
2 x 2 1/8
590
520C591T400AJ2B
173.0
3.6
1 3/8 x 3 5/8
440
520C441T450EH2B
224.0
3.2
1 3/4 x 2 5/8
670
520C671T400BH2B
149.0
4.3
2 x 2 5/8
490
520C491T450AJ2B
207.0
3.2
1 3/8 x 3 5/8
710
520C711T400AC2B
149.0
4.0
1 3/8 x 4 1/8
550
520C551T450BH2B
187.0
3.8
2 x 2 5/8
740
520C741T400EB2B
141.0
4.3
1 3/4 x 3 1/8
580
520C581T450AC2B
173.0
3.7
1 3/8 x 4 1/8
820
520C821T400AD2B
124.0
4.6
1 3/8 x 4 5/8
610
520C611T450EB2B
173.0
3.9
1 3/4 x 3 1/8
940
520C941T400AE2B
109.0
5.1
1 3/8 x 5 1/8
680
520C681T450AD2B
149.0
4.2
1 3/8 x 4 5/8
940
520C941T400BB2B
114.0
5.2
2 x 3 1/8
780
520C781T450AE2B
131.0
4.6
1 3/8 x 5 1/8
950
520C951T400EJ2B
110.0
5.1
1 3/4 x 3 5/8
780
520C781T450BB2B
134.0
4.8
2 x 3 1/8
1100
520C112T400AF2B
97.1
5.6
1 3/8 x 5 5/8
790
520C791T450EJ2B
135.0
4.6
1 3/4 x 3 5/8
1100
520C112T400CH2B
97.8
6.1
2 1/2 x 2 5/8
870
520C871T450AF2B
146.0
4.6
1 3/8 x 5 5/8
1200
520C122T400EC2B
97.8
5.7
1 3/4 x 4 1/8
920
520C921T450CH2B
114.0
5.6
2 1/2 x 2 5/8
1200
520C122T400BJ2B
89.2
6.2
2 x 3 5/8
960
520C961T450EC2B
111.0
5.4
1 3/4 x 4 1/8
1400
520C142T400ED2B
76.5
6.7
1 3/4 x 4 5/8
1000
520C102T450BJ2B
104.0
5.7
2 x 3 5/8
1600
520C162T400EE2B
66.6
7.5
1 3/4 x 5 1/8
1100
520C112T450ED2B
94.2
6.1
1 3/4 x 4 5/8
1600
520C162T400CB2B
68.6
7.7
2 1/2 x 3 1/8
1300
520C132T450EE2B
82.0
6.7
1 3/4 x 5 1/8
1700
520C172T400BC2B
73.3
7.1
2 x 4 1/8
1300
520C132T450CB2B
81.9
7.0
2 1/2 x 3 1/8
1700
520C172T400BD2B
62.3
8.1
2 x 4 5/8
1400
520C142T450BC2B
82.1
6.7
2 x 4 1/8
1800
520C182T400EF2B
59.0
8.2
1 3/4 x 5 5/8
1400
520C142T450BD2B
71.4
7.5
2 x 4 5/8
2000
520C202T400BE2B
54.3
8.9
2 x 5 1/8
1500
520C152T450EF2B
72.7
7.4
1 3/4 x 5 5/8
2000
520C202T400CJ2B
54.6
9.1
2 1/2 x 3 5/8
1600
520C162T450CJ2B
63.5
8.4
2 1/2 x 3 5/8
2300
520C232T400BF2B
48.2
9.8
2 x 5 5/8
1700
520C172T450BE2B
63.5
8.3
2 x 5 1/8
2400
520C242T400CC2B
44.9
10.4
2 1/2 x 4 1/8
1900
520C192T450BF2B
53.4
9.3
2 x 5 5/8
2400
520C242T400DB2B
60.4
9.2
3 x 3 1/8
1900
520C192T450DB2B
52.6
9.8
3 x 3 1/8
2900
520C292T400CD2B
47.1
10.6
2 1/2 x 4 5/8
2000
520C202T450CC2B
49.8
9.9
2 1/2 x 4 1/8
3000
520C302T400DJ2B
47.1
10.9
3 x 3 5/8
2400
520C242T450CD2B
42.3
11.1
2 1/2 x 4 5/8
3300
520C332T400CD2B
33.0
13.0
2 1/2 x 5 1/8
2500
520C252T450DJ2B
40.3
11.8
3 x 3 5/8
3700
520C372T400DC2B
38.8
12.5
3 x 4 1/8
2700
520C272T450CD2B
38.9
12.0
2 1/2 x 5 1/8
3800
520C382T400CF2B
33.0
13.5
2 1/2 x 5 5/8
3100
520C312T450CF2B
32.7
13.5
2 1/2 x 5 5/8
4400
520C442T400DD2B
29.5
14.9
3 x 4 5/8
3100
520C312T450DC2B
33.0
13.6
3 x 4 1/8
5000
520C502T400DE2B
28.8
15.6
3 x 5 1/8
3600
520C362T450DD2B
27.8
15.3
3 x 4 5/8
5200
520C522T400FC2D
33.5
14.8
3 1/2 x 4 1/8
4200
520C422T450DE2B
23.9
17.1
3 x 5 1/8
5700
520C572T400DF2B
25.6
17.0
3 x 5 5/8
4300
520C432T450FC2D
23.9
17.5
3 1/2 x 4 1/8
6100
520C612T400DP2B
24.3
17.7
3 x 5 7/8
4700
520C472T450DF2B
21.3
18.7
3 x 5 5/8
6100
520C612T400FD2D
28.8
16.6
3 1/2 x 4 5/8
5000
520C502T450DP2B
20.0
19.5
3 x 5 7/8
7000
520C702T400FE2D
25.1
18.3
3 1/2 x 5 1/8
5000
520C502T450FD2D
20.0
19.9
3 1/2 x 4 5/8
8000
520C802T400FF2D
22.3
20.0
3 1/2 x 5 5/8
5800
520C582T450FE2D
17.6
21.8
3 1/2 x 5 1/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com