Electronic Components Datasheet Search
  English  ▼

X  

V54C365804VC Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V54C365804VC
Description  HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C365804VC Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V54C365804VC Datasheet HTML 6Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 7Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 8Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 9Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 10Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 11Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 12Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 13Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 14Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
10
V54C365804VC Rev. 0.6 September 1999
MOSEL VITELIC
V54C365804VC
Absolute Maximum Ratings*
Operating temperature range ..................0 to 70
°C
Storage temperature range ............... -55 to 150
°C
Input/output voltage .................. -0.3 to (VCC+0.3) V
Power supply voltage .......................... -0.3 to 4.6 V
Power dissipation ............................................. 1 W
Data out current (short circuit) ...................... 50 mA
*Note: Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Recommended Operation and Characteristics for LV-TTL
TA = 0 to 70 °C; VSS = 0 V; VCC,VCCQ = 3.3 V ± 0.3 V
Note:
1.
All voltages are referenced to VSS.
2.
VIH may overshoot to VCC + 2.0 V for pulse width of < 4ns with 3.3V. VIL may undershoot to -2.0 V for pulse width < 4.0 ns with
3.3V. Pulse width measured at 50% points with amplitude measured peak to DC reference.
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input high voltage
VIH
2.0
Vcc+0.3
V
1, 2
Input low voltage
VIL
– 0.3
0.8
V
1, 2
Output high voltage (IOUT = – 2.0 mA)
VOH
2.4
–
V
Output low voltage (IOUT = 2.0 mA)
VOL
–
0.4
V
Input leakage current, any input
(0 V < VIN < 3.6 V, all other inputs = 0 V)
II(L)
– 5
5
µA
Output leakage current
(DQ is disabled, 0 V < VOUT < VCC)
IO(L)
– 5
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com