Electronic Components Datasheet Search
  English  ▼

X  

V54C365804VC Datasheet(PDF) 12 Page - Mosel Vitelic, Corp

Part # V54C365804VC
Description  HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C365804VC Datasheet(HTML) 12 Page - Mosel Vitelic, Corp

Back Button V54C365804VC Datasheet HTML 8Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 9Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 10Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 11Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 12Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 13Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 14Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 15Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 16Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
12
V54C365804VC Rev. 0.6 September 1999
MOSEL VITELIC
V54C365804VC
AC Characteristics 1,2, 3
TA = 0 to 70 °C; VSS = 0 V; VDD = 3.3 V ± 0.3 V, tT = 1 ns
#
Symbol
Parameter
Limit Values
Unit
Note
-7
-75
-8PC
-8
Min. Max. Min. Max.
Min.
Max. Min. Max.
Clock and Clock Enable
1tCK
Clock Cycle Time
CAS Latency = 3
CAS Latency = 2
7
10
–
–
7.5
10
–
–
8
10
–
–
8
12
–
–
s
ns
ns
2tCK
Clock Frequency
CAS Latency = 3
CAS Latency = 2
–
–
143
100
–
–
133
100
–
–
125
100
–
–
125
83
MHz
MHz
3tAC
Access Time from Clock
CAS Latency = 3
CAS Latency = 2
–
_
5.4
5.5
–
_
5.4
6
–
_
6
6
–
_
7
7
ns
ns
2, 4
4tCH
Clock High Pulse Width
2.5
–
2.5
–
3
–
3
–
ns
5tCL
Clock Low Pulse Width
2.5
–
2.5
–
3
–
3
–
ns
6tT
Transition Tim
0.3
1.2
0.3
1.2
0.5
10
0.5
10
ns
Setup and Hold Times
7tIS
Input Setup Time
1.5
–
1.5
–
2
–
2.5
–
ns
5
8tIH
Input Hold Time
0.8
–
0.8
–
1
–
1
–
ns
5
9tCKS
CKE Setup Time
1.5
–
1.5
–
2
–
2.5
–
ns
5
10
tCKH
CKE Hold Time
0.8
–
0.8
–
1
–
1
–
ns
5
11
tRSC
Mode Register Set-up Time
14
–
15
–
16
–
16
–
ns
12
tSB
Power Down Mode Entry Time
0
7
0
7.5
0
8
0
8
ns
Common Parameters
13
tRCD
Row to Column Delay Time
20
–
20
–
20
–
24
–
ns
6
14
tRP
Row Precharge Time
20
–
20
–
20
–
24
–
ns
6
15
tRAS
Row Active Time
42
100K
45
100K
45
100k
48
100k
ns
6
16
tRC
Row Cycle Time
60
–
60
–
60
–
72
–
ns
6
17
tRRD
Activate(a) to Activate(b) Command
Period
14–15–
16
–20–
ns
6
18
tCCD
CAS(a) to CAS(b) Command Period
1–1–
1
–1–
CLK
Refresh Cycle
19
tREF
Refresh Period (4096 cycles)
—
64
—
64
—
64
—
64
ms
20
tSREX
Self Refresh Exit Time
10
10
10
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com