| Electronic Components Datasheet Search |
|
V54C365804VC Datasheet(PDF) 51 Page - Mosel Vitelic, Corp |
|
|
|||||||||||||||||||||||||||||
V54C365804VC Datasheet(HTML) 51 Page - Mosel Vitelic, Corp |
|
51 / 54 page ![]() 51 V54C365804VC Rev. 0.6 September 1999 MOSEL VITELIC V54C365804VC Clock Enable (CKE) Truth Table: Abbreviations: RA = Row Address BS = Bank Address CA = Column Address AP = Auto Precharge Notes for SDRAM function truth table: 1. Current State is state of the bank determined by BS. All entries assume that CKE was active (HIGH) during the preceding clock cycle. 2. Illegal to bank in specified state; Function may be legal in the bank indicated by BS, depending on the state of that bank. 3. Must satisfy bus contention, bus turn around, and/or write recovery requirements. 4. NOP to bank precharging or in Idle state. May precharge bank(s) indicated by BS (andAP). 5. Illegal if any bank is not Idle. 6. CKE Low to High transition will re-enable CLK and other inputs asynchronously. A minimum setup time must be satisfied before any command other than EXIT. 7. Power-Down and Self-Refresh can be entered only from the All Banks Idle State. 8. Must be legal command as defined in the SDRAM function truth table. STATE(n) CKE n-1 CKE nCS RAS CAS WE Addr ACTION Self-Refresh6 H L L L L L L X H H H H H L X H L L L L X X X H H H L X X X H H L X X X X H L X X X X X X X X X X INVALID EXIT Self-Refresh, Idle after tRC EXIT Self-Refresh, Idle after tRC ILLEGAL ILLEGAL ILLEGAL NOP (Maintain Self-Refresh) Power-Down H L L L L L L X H H H H H L X H L L L L X X X H H H L X X X H H L X X X X H L X X X X X X X X X X INVALID EXIT Power-Down, > Idle. EXIT Power-Down, > Idle. ILLEGAL ILLEGAL ILLEGAL NOP (Maintain Low-Power Mode) All. Banks Idle7 H H H H H H H H L H L L L L L L L L X H L L L L L L X X X H H H L L L X X X H H L H L L X X X H L X X H L X X X X X X X X X X Refer to the function truth table Enter Power- Down Enter Power- Down ILLEGAL ILLEGAL ILLEGAL Enter Self-Refresh ILLEGAL NOP Any State other than listed above H H L L H L H L X X X X X X X X X X X X X X X X X X X X Refer to the function truth table Begin Clock Suspend next cycle8 Exit Clock Suspend next cycle8. Maintain Clock Suspend. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |